Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87416 Datasheet(PDF) 90 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 90 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 86Page - National Semiconductor (TI) PC87416 Datasheet HTML 87Page - National Semiconductor (TI) PC87416 Datasheet HTML 88Page - National Semiconductor (TI) PC87416 Datasheet HTML 89Page - National Semiconductor (TI) PC87416 Datasheet HTML 90Page - National Semiconductor (TI) PC87416 Datasheet HTML 91Page - National Semiconductor (TI) PC87416 Datasheet HTML 92Page - National Semiconductor (TI) PC87416 Datasheet HTML 93Page - National Semiconductor (TI) PC87416 Datasheet HTML 94Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 257 page
background image
www.national.com
90
Revision 1.2
4.0
LPC Bus Interface
With the exception of the ACCESS.bus Interface, the host can access all the functional blocks of the PC8741x device
through the LPC bus.
4.1
OVERVIEW
The LPC host Interface supports 8-bit I/O Read, 8-bit I/O Write and 8-bit DMA transactions, as defined in Intel’s LPC Inter-
face Specification, Revision 1.0.
4.2
LPC TRANSACTIONS
The LPC Interface of the PC8741x devices can respond to the following LPC transactions as part of the standard ServerI/O
implementation:
• 8-bit I/O read and write cycles.
• 8-bit DMA read and write cycles.
• DMA request cycles.
In addition, the X-Bus bridge uses the following transactions (PC87416 and PC87417):
• 8-bit I/O read and write cycles.
• 8-bit memory read and write.
• 8-bit FWH read
LPC-FWH Cycles: The LPC bus and the ACCESS.bus (PC87413 and PC87417) use the internal bus of the PC8741x de-
vice to access the internal modules or to bridge transactions to the X-Bus (see the Block Diagrams on pages 1 and 5). In
case both the LPC and the ACCESS.bus try to access targets (same or different) through the internal bus simultaneously,
the LPC transaction is deferred until the end of the ACCESS.bus transaction. This is achieved by generating Long Wait
SYNC cycles on the LPC bus. The amount of time the LPC bus waits depends on the duration of the ACCESS.bus transac-
tion (see Section 6.2.10 on page 125). An LPC transaction that starts before an ACCESS.bus transaction is performed nor-
mally (i.e., without interference).
The LPC-FWH read cycle is similar to the LPC memory read cycle, as shown below. The DATA, TAR and SYNC fields are
as specified for LPC memory read cycle. The START field is similar to the equivalent field in the LPC memory read cycle
but differs in the data placed on the LAD signals (see details in the cycle description). The Address field contains only seven
nibbles (A27-A0), starting with the most significant. The IDSEL and MSIZE fields are specific to LPC-FWH transactions.
FWH Read Cycle
1. START
FWH Memory Read cycle type = 1101 (0Dh).
2. IDSEL
FWH Device Select ID nibble (compared with the FWHID field in the XMEMCNF1 register,
Section 3.15.11 on page 83).
3. MADDR
Memory Address: seven address nibbles, MS nibble first (see LPC-FWH Address Translation:, below).
4. MSIZE
Memory Size, single byte = 0000 (00h).
5. TAR (two cycles).
6. SYNC.
7. DATA
Data: two nibbles, LS nibble first (D3-D0, D7-D4).
8. TAR (two cycles).
The IDSEL field is compared with the FWHID field in the XMEMCNF1 register, as described in Section 3.15.11 on page 83.
If the two match, the PC8741x device continues handling the transaction; if not, the current LPC-FWH transaction is ignored.
The MSIZE field is ignored by the PC8741x devices.
LPC-FWH Address Translation: The address field in the LPC-FWH transaction is constructed of seven nibbles, containing
the 28 LS address bits (A27-A0), as follows: the first incoming nibble corresponds to addresses A27-A24, the second to A23-
A20, and so forth, until the seventh nibble, which corresponds to A3-A0. The MS bits of the 32-bit addresses (A31-A28) are
assumed to be ‘1111’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com