Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87416 Datasheet(PDF) 91 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 91 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 87Page - National Semiconductor (TI) PC87416 Datasheet HTML 88Page - National Semiconductor (TI) PC87416 Datasheet HTML 89Page - National Semiconductor (TI) PC87416 Datasheet HTML 90Page - National Semiconductor (TI) PC87416 Datasheet HTML 91Page - National Semiconductor (TI) PC87416 Datasheet HTML 92Page - National Semiconductor (TI) PC87416 Datasheet HTML 93Page - National Semiconductor (TI) PC87416 Datasheet HTML 94Page - National Semiconductor (TI) PC87416 Datasheet HTML 95Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 257 page
background image
4.0 LPC Bus Interface (Continued)
Revision 1.2
91
www.national.com
4.3
CLKRUN FUNCTIONALITY
The PC8741x devices support the CLKRUN I/O signal, which is implemented according to the specification in PCI Mobile
Design Guide, Revision 1.1, December 18, 1998. The PC8741x devices support operation with both a slow and stopped
clock in ACPI state S0 (the system is active but is not being accessed). In the following cases, the PC8741x device drives
the CLKRUN signal low to force the LPC bus clock into full speed operation:
q
An IRQ is pending internally, waiting to be sent through the serial IRQ.
q
A DMA request is pending internally, waiting to be sent through the serial DMA.
Note: When the CLKRUN signal is not in use, the PC8741x devices assume a valid clock on the LCLK pin.
4.4
INTERRUPT SERIALIZER
The Interrupt Serializer translates parallel interrupt request (PIRQ) signals received from external devices, via the XIRQ pin
(PC87416 and PC87417) and from internal IRQ sources, into serial interrupt request data transmitted over the SERIRQ bus.
This enables devices that support only parallel IRQs to be integrated into a system that supports only serial IRQs.
The external XIRQ signal and the internal IRQs are fed into a Mapping, Enable and Polarity Control block, which maps them
to their associated IRQ slots. The IRQs are then fed into the Interrupt Serializer, where they are translated into serial data
and transmitted over the SERIRQ bus.
The XIRQ input value is routed to the Interrupt Serializer as the IRQn value to be driven onto IRQ slot n.
The same slot cannot be shared among different interrupt sources in the device.
When a transition is sensed on an IRQ source, the new value of the IRQ source is transmitted over the SERIRQ bus during
the corresponding IRQ slot. For example, when a transition on XIRQ is sensed, the new value of XIRQ is transmitted during
slot n of the SERIRQ bus.
Figure 11 shows the mechanism for both interrupt serialization and wake-up.
Figure 11. Interrupt Serialization and Wake-Up Mechanism
IRQ Mapping
and Polarity
Control
Internal
IRQ
Sources
Control
Signals
XIRQ
Interrupt
Serializer
Bus Interface
SERIRQ
IRQ1
IRQ15
Wake-Up
Enable
Control
SWC
(PC87416 and PC87417)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com