Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87416 Datasheet(PDF) 97 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 97 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 93Page - National Semiconductor (TI) PC87416 Datasheet HTML 94Page - National Semiconductor (TI) PC87416 Datasheet HTML 95Page - National Semiconductor (TI) PC87416 Datasheet HTML 96Page - National Semiconductor (TI) PC87416 Datasheet HTML 97Page - National Semiconductor (TI) PC87416 Datasheet HTML 98Page - National Semiconductor (TI) PC87416 Datasheet HTML 99Page - National Semiconductor (TI) PC87416 Datasheet HTML 100Page - National Semiconductor (TI) PC87416 Datasheet HTML 101Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 257 page
background image
5.0 X-Bus Extension (Continued)
Revision 1.2
97
www.national.com
Figure 16. Mode 0, Normal Address X-Bus Transaction - Write Access Cycle
5.2.6
Mode 0, Normal Address, Fast X-Bus Transactions
The read and write transactions in Normal Address, Fast X-Bus transactions are similar to those in Mode 0, Normal Address
X-Bus Transactions on page 95, differing only in the delay for valid data. Because Normal Address, Fast X-Bus transactions
have 14 to 20 fewer cycles than Normal Address transactions, they can be used to speed up access to fast devices. The
gray areas in Figures Figure 15 and Figure 16 (+ 2 CLK cycles) represent the additional cycles that Fast transactions (Fig-
ures Figure 17 and Figure 18) do not perform. This mode is selected for transactions accessing XCSn by setting TRANSMD
= 0 and TRANSPD = 1 in the corresponding XZMn register.
CLK
(Internal;
XD7-0
XA11-0
XCSn
XWR_XRW
Insert: 12 + “Programmed Wait States” CLK cycles here.
During this time, non-clock signals do not change.
XRD_XEN
XRDY
for Reference Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com