Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87416 Datasheet(PDF) 86 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 86 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 82Page - National Semiconductor (TI) PC87416 Datasheet HTML 83Page - National Semiconductor (TI) PC87416 Datasheet HTML 84Page - National Semiconductor (TI) PC87416 Datasheet HTML 85Page - National Semiconductor (TI) PC87416 Datasheet HTML 86Page - National Semiconductor (TI) PC87416 Datasheet HTML 87Page - National Semiconductor (TI) PC87416 Datasheet HTML 88Page - National Semiconductor (TI) PC87416 Datasheet HTML 89Page - National Semiconductor (TI) PC87416 Datasheet HTML 90Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
www.national.com
86
Revision1.2
3.15.15 X-Bus Memory Size Configuration Register (XMEMSIZE)
This register defines the size of each user-defined memory zone mapped to the X-Bus. This register is reset by hardware
to 00h.
Power Well:VSB
Location:Index FBh
Type:
R/W or RO
3.15.16 X-Bus IRQ Mapping Register (XIRQMAP)
This register defines the mapping of the XIRQ signal.
Power Well:VSB
Location:Index FCh
Type:
R/W
Bit
76543210
Name
Reserved
MEMSIZE
Reset
00000000
Bit
Description
7-4
Reserved.
3-0
MEMSIZE (User-Defined Memory Zone Size). Defines the size of one zone window (in bytes). The size is
defined as a power of two using the equation: NumOfBytes = 2n (where n = the value of the MEMSIZE field
+16). The zone must always be aligned to the window size (i.e., for a 128 Kbyte window, the 17 LSBs of the
address must be zero).
Bits
3 2 1 0
Size (Bytes)
0 0 0 0:
64K (216 - default)
...
1 0 0 0:
16M (224)
Other:
Reserved
Bit
76543210
Name
Reserved
IRQMAP
Reset
00000000
Bit
Description
7-4
Reserved.
3-0
IRQMAP (XIRQ Mapping). Defines to which host IRQ the XIRQ input is routed.
Bits
3 2 1 0
Function
0 0 0 0:
IRQ Disabled (default)
0 0 0 1:
IRQ1
. . .
1 1 1 1:
IRQ 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com