Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87416 Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 79Page - National Semiconductor (TI) PC87416 Datasheet HTML 80Page - National Semiconductor (TI) PC87416 Datasheet HTML 81Page - National Semiconductor (TI) PC87416 Datasheet HTML 82Page - National Semiconductor (TI) PC87416 Datasheet HTML 83Page - National Semiconductor (TI) PC87416 Datasheet HTML 84Page - National Semiconductor (TI) PC87416 Datasheet HTML 85Page - National Semiconductor (TI) PC87416 Datasheet HTML 86Page - National Semiconductor (TI) PC87416 Datasheet HTML 87Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
83
www.national.com
3.15.11 X-Bus Memory Configuration Register 1 (XMEMCNF1)
This register is reset by hardware to 00h.
Power Well:VSB
Location:Index F7h
Type:
R/W or RO
Bit
76543210
Name
FWHID
BIOFWHEN UDMEMEN BIOEXTEN BIOLPCEN
Reset
0000
Strap
00
Strap
Bit
Description
7-4
FWHID (BIOS FWH ID). These four bits correspond to the Device Select nibble that is part of a FWH transaction
(see Section 4.2 on page 90 for details).
3
BIOFWHEN (BIOS FWH Enable). When set, this bit enables the PC8741x device to respond to LPC-FWH
transactions to the BIOS-FWH space. The default value is set according to the XCNF2 strap, sampled at VSB
Power-Up reset. The value of this bit is later updated based on the detected host BIOS scheme (see Section
3.15.3 on page 76 for details).
0: Disabled (default when XCNF2 = 0 - disables BIOS configuration)
1: Enabled (default when XCNF2 = 1 - enables BIOS configuration)
2
UDMEMEN (User-Defined Memory Space Enable). When set, this bit enables the PC8741x device to respond
to LPC memory read and write transactions in the user-defined memory range. The base address and size of
the user-defined range is specified by the XMEMBAH/XMEMBAL and XMEMSIZE registers, respectively.
0: Disabled (default)
1: Enabled
1
BIOEXTEN (BIOS Extended Space Enable). Expands the BIOS address space to which the PC8741x device
responds, to include the Extended BIOS address range.
0: Disabled (default)
1: Enabled
0
BIOLPCEN (BIOS LPC Enable). Enables the PC8741x device to respond to LPC memory transactions to the
BIOS-LPC space. The default value is set according to the XCNF2 strap, sampled at VSB Power-Up reset. The
value of this bit is later updated, based on the detected host BIOS scheme (see Section 3.15.3 on page 76 for
details).
0: Disabled (default when XCNF2 = 0 - disables BIOS configuration)
1: Enabled (default when XCNF2 = 1 - enables BIOS configuration)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com