Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87416 Datasheet(PDF) 104 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 104 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 100Page - National Semiconductor (TI) PC87416 Datasheet HTML 101Page - National Semiconductor (TI) PC87416 Datasheet HTML 102Page - National Semiconductor (TI) PC87416 Datasheet HTML 103Page - National Semiconductor (TI) PC87416 Datasheet HTML 104Page - National Semiconductor (TI) PC87416 Datasheet HTML 105Page - National Semiconductor (TI) PC87416 Datasheet HTML 106Page - National Semiconductor (TI) PC87416 Datasheet HTML 107Page - National Semiconductor (TI) PC87416 Datasheet HTML 108Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 257 page
background image
5.0 X-Bus Extension (Continued)
www.national.com
104
Revision1.2
Figure 25. Turbo Latched Address Mode - X-Bus Read Access Cycle
Turbo Write Transactions. A Turbo write cycle starts by outputting the lower 12 address signals on address signals
XA11-0 and by outputting address lines 27-20 on data signals XD7-0 on the rising edge of the clock. One CLK cycle later,
a strobe signal (XSTB2) is asserted to latch the address in an external latch. One CLK cycle after that, a second set of ad-
dress lines (19-12) is placed on data pins XD7-0. These can be latched by the strobe signal XSTB1, asserted one cycle later
on the rising edge of the clock. One CLK cycle later, the last group of address lines (11-4) is output on the data signals XD7-
0. The XSTB0, asserted one CLK cycle later on the rising edge of the clock, can be used to latch this part of the address.
One CLK cycle later on the rising edge of the clock, the PC8741x outputs the data signals on data pins XD7-0. At this point,
all the addresses are available either at the address outputs of the PC8741x (XA11-0) or at the outputs of the three latches.
The system may require only part of these addresses, depending on the size of the memory or peripheral address space.
One CLK cycle later, the chip-select signal XCSn is asserted, based on the XCSn Turbo mode setting. From this point, the
write continues as described for the Normal Address Turbo transaction, Mode 0. XSTB2-0 are de-asserted one CLK cycle
after the de-assertion of XCSn. At this time, the latched address becomes invalid. At the same time, the address signals
XA11-0 are driven to low level.
CLK
(Internal; for
XD7-0
XA27-0
XA11-0
XCSn
XWR_XRW
(After Latching)
[27-20]
A
[19-12]
A
XRD_XEN
XSTB2
XSTB1
XSTB0
(Availability on Device Pins
Depends on Multiplexing)
Transaction Continues as for Non-Latched, Turbo X-Bus Address Mode 0 Read
[11-4]
A
Starting point
Reference Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com