Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0674 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV0674
Description  Tri-mode CMOS digital camera co-processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0674 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV0674 Datasheet HTML 3Page - STMicroelectronics STV0674 Datasheet HTML 4Page - STMicroelectronics STV0674 Datasheet HTML 5Page - STMicroelectronics STV0674 Datasheet HTML 6Page - STMicroelectronics STV0674 Datasheet HTML 7Page - STMicroelectronics STV0674 Datasheet HTML 8Page - STMicroelectronics STV0674 Datasheet HTML 9Page - STMicroelectronics STV0674 Datasheet HTML 10Page - STMicroelectronics STV0674 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7/35
STV0674
STV0674 Functional Description
The VC module varies the compression ratio to match the scene and selected frame rate, to the
FIFO fill state. The VC module is capable of compression ratios of up to 100:1.
Thumbnails can also be generated within the VC for potential display on an image LCD.
The final stage of the VC block manages the data transfer rate from the local VC FIFO store to the
memory or USB core. The VC can perform this management automatically, by employing long-term
(frame-level) and short-term (block-level) compression management.
2.4
Microcontroller
The STV0674 has an embedded high-performance 8052 8-bit microcontroller with 32 Kbytes of
ROM and 32 Kbytes of SRAM available for program memory.
The device functionality provided by default program ROM is generally sufficient to address all
needs of a USB-tethered camera.
In STV0674, code can be executed from the local SRAM as well as default ROM. The default ROM
provides basic functions such as USB control, memory control, VP setup, systems installation, and
the transfer of application specific code into the local SRAM.
In non-tethered applications, the SRAM can be loaded from off-chip EEPROM via I2C or from an
external flash device. If required in tethered applications, the SRAM can be loaded from the host PC
via the USB.
The ROM bootloader will load the application specific firmware code from one of the following
sources, in order of priority:
1
EEPROM.
2
NAND FLASH.
3
PC host (in the case of a webcam).
2.5
Memory interfaces
2.5.1
NAND FLASH memory/SmartMedia card interface
The NAND FLASH module for the STV0674 provides a dedicated interface to an external 32 Mbit to
1 Gbit NAND FLASH chip, and/or 4 Mbyte to 128 Mbyte SmartMedia card.
NAND flash devices can contain a number of bit errors, and the core may deteriorate over time.
Both occurrences are handled automatically by STV0674.
A camera using NAND flash for image storage has the advantage that it can be powered off (e.g.
auto power off, or for changing batteries) without losing images. No serial EEPROM is required as
the application specific programme code can be stored in NAND flash memory.
Note: 1 Support for SMC is for 3V3 cards. 5V cards are not supported.
2 Standard digital camera file formats (e.g. DOS file format, SSFDC) are not supported on SMC cards
at this time.
2.5.2
SDRAM interface
The STV0674 can use SDRAM for image storage and is designed to operate with PC66 or better
compliant devices and supports 16Mbit, 64Mbit and 128Mbit parts in both the x16 SDRAM or x8
DRAM word widths.
It is recommended that any SDRAM used have low self refresh Idd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com