Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0674 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV0674
Description  Tri-mode CMOS digital camera co-processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0674 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV0674 Datasheet HTML 13Page - STMicroelectronics STV0674 Datasheet HTML 14Page - STMicroelectronics STV0674 Datasheet HTML 15Page - STMicroelectronics STV0674 Datasheet HTML 16Page - STMicroelectronics STV0674 Datasheet HTML 17Page - STMicroelectronics STV0674 Datasheet HTML 18Page - STMicroelectronics STV0674 Datasheet HTML 19Page - STMicroelectronics STV0674 Datasheet HTML 20Page - STMicroelectronics STV0674 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
17/35
STV0674
Detailed Specifications
4.4.5
Status read cycle for NAND flash interface
4.4.6
Read operation for NAND flash interface
Figure 9: Status read cycle
Figure 10: Read operation
tDS
70h
CLE
RE_n
IO[0:7]
CE_n
Status
WE_n
tCLS
tCLH
tCLS
tWP
tWHR
tDH
tRSTO
tWB
CLE
RE_n
IO[0:7]
CE_n
ALE
A0-7
00H
A9-16
A17-21
RB_n
Dout0
Dout1
Dout2
WE_n
tR
tRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com