Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0674 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV0674
Description  Tri-mode CMOS digital camera co-processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0674 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV0674 Datasheet HTML 6Page - STMicroelectronics STV0674 Datasheet HTML 7Page - STMicroelectronics STV0674 Datasheet HTML 8Page - STMicroelectronics STV0674 Datasheet HTML 9Page - STMicroelectronics STV0674 Datasheet HTML 10Page - STMicroelectronics STV0674 Datasheet HTML 11Page - STMicroelectronics STV0674 Datasheet HTML 12Page - STMicroelectronics STV0674 Datasheet HTML 13Page - STMicroelectronics STV0674 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
STV0674 Application Examples
STV0674
10/35
3.2
Tri-mode camera
3.2.1
Overview
Applications with the tri-mode camera based on STV0674 range from low-cost cameras containing
an icon LCD status display, microphone/speaker and small SDRAM chip (for example 16Mbit), to an
enhanced feature set camera containing a graphical image LCD display for image review, flashgun,
audio record/playback, NAND flash on the PCB and a SmartMedia flash memory socket.
3.2.2
Application diagram
Figure 2: Application diagram when using STV0674 as tri-mode camera
LCD
LCD Image Display
NAND
FLASH
LCD Status Icon Display
SmartMedia
Flash card
SOCKET
Driver
SDRAM
x16 or x8
Audio Playback
POWER
AMP
Buzzer
CMOS Sensor
CIF or VGA
Lens + IR Filter
5
USB
Interface
Memory
Interface
Processor
Embedded
Memory
Microphone
to Host PC
OR
Video
Processor
Video
Compression
Micro
(not for image store)
Audio
Interface
External
USB Cable
Removable
Chip
OR
Memory
STV0674 100TQFP
User Interface
Buttons/
Switches
LCD Interface
Buttons
Interface
Image
Array
+
BOOT
EE-
-PROM
Flash
Flashgun
Module
Enable/
Trigger
OEM
MBYTES
PICTURES
SECONDS
HIGH
MED
LOW
QUALITY
LCD
Driver
Chip
EEPROM only required
if no NAND Flash
23 PICS
640x480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com