Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0674 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STV0674
Description  Tri-mode CMOS digital camera co-processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0674 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STV0674 Datasheet HTML 15Page - STMicroelectronics STV0674 Datasheet HTML 16Page - STMicroelectronics STV0674 Datasheet HTML 17Page - STMicroelectronics STV0674 Datasheet HTML 18Page - STMicroelectronics STV0674 Datasheet HTML 19Page - STMicroelectronics STV0674 Datasheet HTML 20Page - STMicroelectronics STV0674 Datasheet HTML 21Page - STMicroelectronics STV0674 Datasheet HTML 22Page - STMicroelectronics STV0674 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
19/35
STV0674
Detailed Specifications
4.4.8
AC characteristics for operation
Note: 1 All parameters relating to the CE_n signal are omitted as it is not enabled/disabled during execution
of any NAND flash operation.
2 All timings are worst case.
3 Conforms to both Samsung and Toshiba specifications as outlined in datasheets
Table 3: AC characteristics
Symbol
Parameter
Min
Typical
Max
Unit
tCLS
CLE set-up time
61.36
62.4
ns
tCLH
CLE hold time
83.2
ns
tWP
WE-n pulse width
83.2
ns
tALS
ALE set-up time
82.64
83.2
ns
tALH
ALE hold time
82.44
83.2
ns
tDS
Data set-up time
82.65
83.2
ns
tDH
Data hold time
61.85
62.4
ns
tWC
Write cycle time
145.09
145.6
ns
tWH
WE_n high hold time
61.89
62.4
ns
tRR
Ready to RE_n low
80.99
83.2
ns
tRP
RE_n pulse width
83.2
ns
tRC
Read cycle time
187.2
ns
tREA
RE_n access time
35
43.2
ns
tREH
RE_n high hold time
103.47
104
ns
tWHR
WE_n high to RE_n low
124.22
124.8
ns
tR
Data transfer from cell to register
25.015
µs
tWB
WE_n high to busy
41.6
215.28
ns
tRST
Device resetting (Read)
5.015
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com