Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0674 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STV0674
Description  Tri-mode CMOS digital camera co-processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0674 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STV0674 Datasheet HTML 26Page - STMicroelectronics STV0674 Datasheet HTML 27Page - STMicroelectronics STV0674 Datasheet HTML 28Page - STMicroelectronics STV0674 Datasheet HTML 29Page - STMicroelectronics STV0674 Datasheet HTML 30Page - STMicroelectronics STV0674 Datasheet HTML 31Page - STMicroelectronics STV0674 Datasheet HTML 32Page - STMicroelectronics STV0674 Datasheet HTML 33Page - STMicroelectronics STV0674 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Pinout and Pin Description
STV0674
30/35
5.2.1
Power on/ low power default pin states
The initial state of SFP pins varies depending on the power on state of the NAND flash / SMC detect
pin, SDRAM detect pin and package detect pin. The default pin states are detailed in
Table 11.
a. SFP 0-22 default to inputs on reset and in low power states. SFP 0-22 should therefore not be left
floating and must be configured by external circuit. See
Section 5.2.1 for state of SFP 23-60
b. Pull Up required. See
Section 5.2.1.
c. SFP 3> Pull Up if NAND or SMC present /Down if not, See
Section 5.2.1.
d. SFP 9> Pull down required if pin not used, must be held low at power on.
e. SFP 14> Pull down required for power latching otherwise pull up required.
f. SFP 16> Pull Up required, if SMC present. (SFP 3 must also be pulled up)
g. SFP 38> Pull resistor required if NAND present, value 10k
Ω.
h. SFP 60> Pull Up if SDRAM present /Down if not, See
Section 5.2.1
Table 11: Power-on/low-power default pin states
Pin state at power on
Initial state
TQFP_SEL
CS_NAND
CS_SDRAM
Flash Port
Non-Flash
SDRAM
GPIO
SFP0
SFP3
SFP60
SFP 25-32,
35-39
SFP 23, 24, 33,
34, 40-60
SFP0-22
0X
X
Reserved
1
1
0
Ouput
Input
Input
1
X
1
Output
Output
Input
1
0
0
Input
Input
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com