Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0674 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV0674
Description  Tri-mode CMOS digital camera co-processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0674 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV0674 Datasheet HTML 7Page - STMicroelectronics STV0674 Datasheet HTML 8Page - STMicroelectronics STV0674 Datasheet HTML 9Page - STMicroelectronics STV0674 Datasheet HTML 10Page - STMicroelectronics STV0674 Datasheet HTML 11Page - STMicroelectronics STV0674 Datasheet HTML 12Page - STMicroelectronics STV0674 Datasheet HTML 13Page - STMicroelectronics STV0674 Datasheet HTML 14Page - STMicroelectronics STV0674 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
11/35
STV0674
Detailed Specifications
4
Detailed Specifications
4.1
Absolute maximum ratings
4.2
DC characteristics
Description
Range
Unit
Operating Temperature
0 to 70a
a. Refer to the sensor datasheet to determine operating temperature range of complete
application
oC
Storage Temperature
-50 to 150
oC
Table 1: DC characteristics
Parameter
Description
Min
Typ.
Max
Units
Notes
VDDC
Primary power supply (core)
1.55
1.8
1.95
V
Note 4
VDDI
3.3V power supply for on-chip USB
transceiver and IO
3.0
3.3
3.6
V
VDDP
Analog supply to the PLL
1.60
1.8
2.0
V
VDDA
Analog supply to the audio front end
3.0
3.3
3.6
V
Isuspend
core suspend current
6
µA
I/O suspend current
31.5
µA
PLL suspend current
0
µA
Note 5
Audio suspend current
1.5
µA
Ilowpower
Core low power current
12.5
mA
Note 6
I/O low power current
0.9
mA
Note 6
PLL low power current
0.5
mA
Note 6
Audio low power current
1.5
µA
Note 6
Ihighpower
Core high power current
50.4
mA
Note 6
I/O high power current
2
mA
Note 6
PLL high power current
0.5
mA
Note 6
Audio high power current
5.1
mA
Note 6
VILU
USB differential pad D+/D- input low
0.8
V
VIHU
USB differential pad D+/D- input high
(driven)
2.0
V
VIHUZ
USB differential pad D+/D- input high
(floating)
2.7
3.6
V
VDI
USB differential pad D+/D- input
sensitivity
0.2
V
Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com