Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0674 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV0674
Description  Tri-mode CMOS digital camera co-processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0674 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV0674 Datasheet HTML 17Page - STMicroelectronics STV0674 Datasheet HTML 18Page - STMicroelectronics STV0674 Datasheet HTML 19Page - STMicroelectronics STV0674 Datasheet HTML 20Page - STMicroelectronics STV0674 Datasheet HTML 21Page - STMicroelectronics STV0674 Datasheet HTML 22Page - STMicroelectronics STV0674 Datasheet HTML 23Page - STMicroelectronics STV0674 Datasheet HTML 24Page - STMicroelectronics STV0674 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
21/35
STV0674
Detailed Specifications
4.6
Audio
4.6.1
Audio ADC electrical parameters
4.6.2
Audio anti-aliasing filter characteristics
Table 5: Audio/ADC electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Fclk
Clock frequency
12
MHz
Dutymclk
Clk duty cycle
40
60
%
Fs
Sample frequency
8
48
kHz
Vbias
Bias reference voltage
Vbias / Vcc = 3V
1.5
V
Rbias
Vbias impedance
Vbias
5
k
RIN
Input impedance
IN+ / IN-
50
k
Cin
Input capacitance
IN+ / IN-
10
pF
Dyn In
Input dynamic range
ADC Out Full scale IN+ /
IN- Gain 0dB (AGC off)
1.5
Vpp
SNR*
Signal / Noise ratio
Sinewave @FS - 3dB
Gain 0dB
82
dB
Offset
Offset error
After automatic
calibration
100
LSB
Harma
a. Input sine wave 1kHz, Fmclk 11.289 MHz, BW = 10Hz-20 kHz, A-weighting filters, output 16 bits RAW PCM
Signal to peak harmonics
Sinewave @FS - 3dB
Gain 0dB
75
dB
Sinewave @FS - 3dB
Gain 24dB
50
dB
PSRR
Power supply rejection
Measured on ADC output
with a 1kHz 100mVpp
sinewave added to the
3.3V supply
40
LSBpp
LFc
Low cut-off frequency
Gain 0dB
15
Hz
HFc
High cut-off frequency
ADC out
0.45
Fs
Table 6: Audio anti-aliasing filter characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Fpassband
Passband frequency
Fs is sampling frequency
0.45
Fs
Ripplepass
Passband ripple
0->0.376Fs
-0.25
0.25
dB
Fstopband
Stopband frequency
Fs is sampling frequency
0.6
Fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com