Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP320C2811PBKA Datasheet(PDF) 37 Page - Texas Instruments

Part # TMP320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKA Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMP320C2811PBKA Datasheet HTML 33Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 34Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 35Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 36Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 37Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 38Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 39Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 40Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 147 page
background image
Functional Overview
37
June 2004
SPRS257
Peripheral Frame 2 Registers† (Continued)
NAME
ADDRESS RANGE
SIZE (x16)
ACCESS TYPE
SCI-A Registers
0x00 7050
0x00 705F
16
Not EALLOW Protected
reserved
0x00 7060
0x00 706F
16
External Interrupt Registers
0x00 7070
0x00 707F
16
Not EALLOW Protected
reserved
0x00 7080
0x00 70BF
64
GPIO Mux Registers
0x00 70C0
0x00 70DF
32
EALLOW Protected
GPIO Data Registers
0x00 70E0
0x00 70FF
32
Not EALLOW Protected
ADC Registers
0x00 7100
0x00 711F
32
Not EALLOW Protected
reserved
0x00 7120
0x00 73FF
736
EV-A Registers
0x00 7400
0x00 743F
64
Not EALLOW Protected
reserved
0x00 7440
0x00 74FF
192
EV-B Registers
0x00 7500
0x00 753F
64
Not EALLOW Protected
reserved
0x00 7540
0x00 774F
528
SCI-B Registers
0x00 7750
0x00 775F
16
Not EALLOW Protected
reserved
0x00 7760
0x00 77FF
160
McBSP Registers
0x00 7800
0x00 783F
64
Not EALLOW Protected
reserved
0x00 7840
0x00 7FFF
1984
† Peripheral Frame 2 only allows 16-bit accesses. All 32-bit accesses are ignored (invalid data may be returned or written).
3.4
Device Emulation Registers
These registers are used to control the protection mode of the C28x CPU and to monitor some critical device
signals. The registers are defined in Table 3−5.
Table 3−5. Device Emulation Registers
NAME
ADDRESS RANGE
SIZE (x16)
DESCRIPTION
DEVICECNF
0x00 0880
0x00 0881
2
Device Configuration Register
reserved
0x00 0882
1
Not supported on Revision C and later silicon
DEVICEID
0x00 0883
1
Device ID Register (0x0001 − Silicon − Rev. A)
PROTSTART
0x00 0884
1
Block Protection Start Address Register
PROTRANGE
0x00 0885
1
Block Protection Range Address Register
reserved
0x00 0886
0x00 09FF
378



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com