Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP320C2811PBKA Datasheet(PDF) 52 Page - Texas Instruments

Part # TMP320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKA Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMP320C2811PBKA Datasheet HTML 48Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 49Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 50Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 51Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 52Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 53Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 54Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 55Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 147 page
background image
Peripherals
52
June 2004
SPRS257
Table 4−1. CPU-Timers 0, 1, 2 Configuration and Control Registers
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
TIMER0TIM
0x00 0C00
1
CPU-Timer 0, Counter Register
TIMER0TIMH
0x00 0C01
1
CPU-Timer 0, Counter Register High
TIMER0PRD
0x00 0C02
1
CPU-Timer 0, Period Register
TIMER0PRDH
0x00 0C03
1
CPU-Timer 0, Period Register High
TIMER0TCR
0x00 0C04
1
CPU-Timer 0, Control Register
reserved
0x00 0C05
1
TIMER0TPR
0x00 0C06
1
CPU-Timer 0, Prescale Register
TIMER0TPRH
0x00 0C07
1
CPU-Timer 0, Prescale Register High
TIMER1TIM
0x00 0C08
1
CPU-Timer 1, Counter Register
TIMER1TIMH
0x00 0C09
1
CPU-Timer 1, Counter Register High
TIMER1PRD
0x00 0C0A
1
CPU-Timer 1, Period Register
TIMER1PRDH
0x00 0C0B
1
CPU-Timer 1, Period Register High
TIMER1TCR
0x00 0C0C
1
CPU-Timer 1, Control Register
reserved
0x00 0C0D
1
TIMER1TPR
0x00 0C0E
1
CPU-Timer 1, Prescale Register
TIMER1TPRH
0x00 0C0F
1
CPU-Timer 1, Prescale Register High
TIMER2TIM
0x00 0C10
1
CPU-Timer 2, Counter Register
TIMER2TIMH
0x00 0C11
1
CPU-Timer 2, Counter Register High
TIMER2PRD
0x00 0C12
1
CPU-Timer 2, Period Register
TIMER2PRDH
0x00 0C13
1
CPU-Timer 2, Period Register High
TIMER2TCR
0x00 0C14
1
CPU-Timer 2, Control Register
reserved
0x00 0C15
1
TIMER2TPR
0x00 0C16
1
CPU-Timer 2, Prescale Register
TIMER2TPRH
0x00 0C17
1
CPU-Timer 2, Prescale Register High
reserved
0x00 0C18
0x00 0C3F
40
4.2
Event Manager Modules (EVA, EVB)
The event-manager modules include general-purpose (GP) timers, full-compare/PWM units, capture units,
and quadrature-encoder pulse (QEP) circuits. EVA and EVB timers, compare units, and capture units function
identically. However, timer/unit names differ for EVA and EVB. Table 4−2 shows the module and signal names
used. Table 4−2 shows the features and functionality available for the event-manager modules and highlights
EVA nomenclature.
Event managers A and B have identical peripheral register sets with EVA starting at 7400h and EVB starting
at 7500h. The paragraphs in this section describe the function of GP timers, compare units, capture units, and
QEPs using EVA nomenclature. These paragraphs are applicable to EVB with regard to function—however,
module/signal names would differ. Table 4−3 lists the EVA registers. For more information, see the
TMS320F28x DSP Event Manager (EV) Reference Guide
(literature number SPRU065).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com