Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP320C2811PBKA Datasheet(PDF) 98 Page - Texas Instruments

Part # TMP320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKA Datasheet(HTML) 98 Page - Texas Instruments

Back Button TMP320C2811PBKA Datasheet HTML 94Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 95Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 96Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 97Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 98Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 99Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 100Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 101Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 147 page
background image
Electrical Specifications
98
June 2004
SPRS257
tw(WAKE-INT)
td(WAKE-STBY)
td(IDLE−XCOH)
32 SYSCLKOUT Cycles
Wake−up
Signal
X1/XCLKIN
XCLKOUT†
STANDBY
Normal Execution
STANDBY
Flushing Pipeline
A
B
C
D
E
F
Device
Status
NOTES: A. IDLE instruction is executed to put the device into STANDBY mode.
B. The PLL block responds to the STANDBY signal. SYSCLKOUT is held for approximately 32 cycles before being turned
off. This 32−cycle delay enables the CPU pipe and any other pending operations to flush properly.
C. The device is now in STANDBY mode.
D. The external wake−up signal is driven active (negative edge triggered shown as an example).
E. After a latency period, the STANDBY mode is exited.
F. Normal operation resumes. The device will respond to the interrupt (if enabled).
Figure 6−11. STANDBY Entry and Exit Timing
Table 6−11. HALT Mode Switching Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
td(IDLE-XCOH)
Delay time, IDLE instruction executed to XCLKOUT high
32 * tc(SCO)
45 * tc(SCO)
Cycles
tw(WAKE-XNMI)
Pulse duration, XNMI wakeup signal
2 * tc(CI)
Cycles
tw(WAKE-XRS)
Pulse duration, XRS wakeup signal
8 * tc(CI)
Cycles
tp
PLL lock-up time
131072 * tc(CI) Cycles
t
Delay time, PLL lock to program execution resume
td(wake)
− Wake-up from SARAM
35*tc(SCO)
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com