Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP320C2811PBKA Datasheet(PDF) 25 Page - Texas Instruments

Part # TMP320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKA Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMP320C2811PBKA Datasheet HTML 21Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 22Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 23Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 24Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 25Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 26Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 27Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 28Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 147 page
background image
Introduction
25
June 2004
SPRS257
Table 2−2. Signal Descriptions† (Continued)
PIN NO.
GPIO
PERIPHERAL SIGNAL
179-PIN
GHH
AND
ZHH
176-PIN
PGF
128-PIN
PBK
I/O/Z‡
PU/PD§
DESCRIPTION
GPIOD OR EVA SIGNALS
GPIOD0
T1CTRIP_PDPINTA (I)
H14
110
81
I/O/Z
PU
Timer 1 Compare Output Trip
GPIOD1
T2CTRIP/EVASOC (I)
G10
115
84
I/O/Z
PU
Timer 2 Compare Output Trip or External
ADC Start-of-Conversion EV-A
GPIOD OR EVB SIGNALS
GPIOD5
T3CTRIP_PDPINTB (I)
P10
79
60
I/O/Z
PU
Timer 3 Compare Output Trip
GPIOD6
T4CTRIP/EVBSOC (I)
P11
83
61
I/O/Z
PU
Timer 4 Compare Output Trip or External
ADC Start-of-Conversion EV-B
GPIOE OR INTERRUPT SIGNALS
GPIOE0
XINT1_XBIO (I)
D9
149
106
I/O/Z
−
GPIO or XINT1 or XBIO input
GPIOE1
XINT2_ADCSOC (I)
D8
151
108
I/O/Z
−
GPIO or XINT2 or ADC start of conversion
GPIOE2
XNMI_XINT13 (I)
E8
150
107
I/O/Z
PU
GPIO or XNMI or XINT13
GPIOF OR SPI SIGNALS
GPIOF0
SPISIMOA (O)
M1
40
31
I/O/Z
−
GPIO or SPI slave in, master out
GPIOF1
SPISOMIA (I)
N1
41
32
I/O/Z
−
GPIO or SPI slave out, master in
GPIOF2
SPICLKA (I/O)
K2
34
27
I/O/Z
−
GPIO or SPI clock
GPIOF3
SPISTEA (I/O)
K4
35
28
I/O/Z
−
GPIO or SPI slave transmit enable
GPIOF OR SCI-A SIGNALS
GPIOF4
SCITXDA (O)
C7
155
111
I/O/Z
PU
GPIO or SCI asynchronous serial port TX
data
GPIOF5
SCIRXDA (I)
A7
157
112
I/O/Z
PU
GPIO or SCI asynchronous serial port RX
data
GPIOF OR CAN SIGNALS
GPIOF6
CANTXA (O)
N12
87
64
I/O/Z
PU
GPIO or eCAN transmit data
GPIOF7
CANRXA (I)
N13
89
65
I/O/Z
PU
GPIO or eCAN receive data
GPIOF OR McBSP SIGNALS
GPIOF8
MCLKXA (I/O)
J1
28
23
I/O/Z
PU
GPIO or transmit clock
GPIOF9
MCLKRA (I/O)
H2
25
21
I/O/Z
PU
GPIO or receive clock
GPIOF10
MFSXA (I/O)
H4
26
22
I/O/Z
PU
GPIO or transmit frame synch
GPIOF11
MFSRA (I/O)
J2
29
24
I/O/Z
PU
GPIO or receive frame synch
GPIOF12
MDXA (O)
G1
22
19
I/O/Z
−
GPIO or transmitted serial data
GPIOF13
MDRA (I)
G2
20
18
I/O/Z
PU
GPIO or received serial data
† Typical drive strength of the output buffer for all pins [except TDO, XCLKOUT, XF, XINTF, EMU0, and EMU1 pins] is 4 mA typical.
‡ I = Input, O = Output, Z = High impedance
§ PU = pin has internal pullup; PD = pin has internal pulldown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com