Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP320C2811PBKA Datasheet(PDF) 82 Page - Texas Instruments

Part # TMP320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKA Datasheet(HTML) 82 Page - Texas Instruments

Back Button TMP320C2811PBKA Datasheet HTML 78Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 79Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 80Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 81Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 82Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 83Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 84Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 85Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 147 page
background image
Development Support
82
June 2004
SPRS257
TMS320F28x Enhanced Controller Area Network (eCAN) Reference Guide (literature number SPRU074)
describes the eCAN that uses established protocol to communicate serially with other controllers in electrically
noisy environments. With 32 fully configurable mailboxes and time-stamping feature, the eCAN module
provides a versatile and robust serial communication interface. The eCAN module implemented in the C28x
DSP is compatible with the CAN 2.0B standard (active).
TMS320F28x Event Manager (EV) Reference Guide (literature number SPRU065) describes the EV
modules that provide a broad range of functions and features that are particularly useful in motion control and
motor control applications. The EV modules include general-purpose (GP) timers, full-compare/PWM units,
capture units, and quadrature-encoder pulse (QEP) circuits.
TMS320F28x External Interface (XINTF) Reference Guide (literature number SPRU067) describes the
external interface (XINTF) of the 28x digital signal processors (DSPs).
TMS320F28x Multichannel Buffered Serial Ports (McBSPs) Reference Guide (literature number
SPRU061) describes the McBSP) available on the C28x devices. The McBSPs allow direct interface between
a DSP and other devices in a system.
TMS320F28x Serial Communication Interface (SCI) Reference Guide (literature number SPRU051)
describes the SCI that is a two-wire asynchronous serial port, commonly known as a UART. The SCI modules
support digital communications between the CPU and other asynchronous peripherals that use the standard
non-return-to-zero (NRZ) format.
TMS320F28x Serial Peripheral Interface (SPI) Reference Guide (literature number SPRU059) describes
the SPI − a high-speed synchronous serial input/output (I/O) port that allows a serial bit stream of programmed
length (one to sixteen bits) to be shifted into and out of the device at a programmed bit−transfer rate. The SPI
is used for communications between the DSP controller and external peripherals or another controller.
TMS320F28x System Control and Interrupts Reference Guide (literature number SPRU078) describes
the various interrupts and system control features of the 28x digital signal processors (DSPs).
3.3 V DSP for Digital Motor Control Application Report (literature number SPRA550). New generations
of motor control digital signal processors (DSPs) lower their supply voltages from 5 V to 3.3 V to offer higher
performance at lower cost. Replacing traditional 5-V digital control circuitry by 3.3-V designs introduce no
additional system cost and no significant complication in interfacing with TTL and CMOS compatible
components, as well as with mixed voltage ICs such as power transistor gate drivers. Just like 5-V based
designs, good engineering practice should be exercised to minimize noise and EMI effects by proper
component layout and PCB design when 3.3-V DSP, ADC, and digital circuitry are used in a mixed signal
environment, with high and low voltage analog and switching signals, such as a motor control system. In
addition, software techniques such as Random PWM method can be used by special features of the Texas
Instruments (TI) TMS320x24xx DSP controllers to significantly reduce noise effects caused by EMI radiation.
This application report reviews designs of 3.3-V DSP versus 5-V DSP for low HP motor control applications.
The application report first describes a scenario of a 3.3-V-only motor controller indicating that for most
applications, no significant issue of interfacing between 3.3 V and 5 V exists. Cost-effective 3.3-V − 5-V
interfacing techniques are then discussed for the situations where such interfacing is needed. On-chip 3.3-V
ADC versus 5-V ADC is also discussed. Sensitivity and noise effects in 3.3-V and 5-V ADC conversions are
addressed. Guidelines for component layout and printed circuit board (PCB) design that can reduce system’s
noise and EMI effects are summarized in the last section.
The TMS320C28x Instruction Set Simulator Technical Overview (literature number SPRU608) describes
the simulator, available within the Code Composer Studio for TMS320C2000 IDE, that simulates the
instruction set of the C28x core.
TMS320C28x DSP/BIOS Application Programming Interface (API) Reference Guide (literature number
SPRU625) describes development using DSP/BIOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com