Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP320C2811PBKA Datasheet(PDF) 26 Page - Texas Instruments

Part # TMP320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKA Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMP320C2811PBKA Datasheet HTML 22Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 23Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 24Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 25Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 26Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 27Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 28Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 29Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 147 page
background image
Introduction
26
June 2004
SPRS257
Table 2−2. Signal Descriptions† (Continued)
PIN NO.
GPIO
PERIPHERAL SIGNAL
179-PIN
GHH
AND
ZHH
176-PIN
PGF
128-PIN
PBK
I/O/Z‡
PU/PD§
DESCRIPTION
GPIOF OR XF CPU OUTPUT SIGNAL
GPIOF14
XF_XPLLDIS (O)
A11
140
101
I/O/Z
PU
This pin has three functions:
1. XF − General-purpose output pin.
2. XPLLDIS − This pin will be sampled
during reset to check if the PLL needs
to be disabled. The PLL will be
disabled if this pin is sensed low. HALT
and STANDBY modes cannot be used
when the PLL is disabled.
3. GPIO − GPIO function
GPIOG OR SCI-B SIGNALS
GPIOG4
SCITXDB (O)
P14
90
66
I/O/Z
−
GPIO or SCI asynchronous serial port
transmit data
GPIOG5
SCIRXDB (I)
M13
91
67
I/O/Z
−
GPIO or SCI asynchronous serial port
receive data
† Typical drive strength of the output buffer for all pins [except TDO, XCLKOUT, XF, XINTF, EMU0, and EMU1 pins] is 4 mA typical.
‡ I = Input, O = Output, Z = High impedance
§ PU = pin has internal pullup; PD = pin has internal pulldown
NOTE:
Other than the power supply pins, no pin should be driven before the 3.3-V rail has reached
recommended operating conditions. However, it is acceptable for an I/O pin to ramp along with
the 3.3-V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com