Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP320C2811PBKA Datasheet(PDF) 64 Page - Texas Instruments

Part # TMP320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKA Datasheet(HTML) 64 Page - Texas Instruments

Back Button TMP320C2811PBKA Datasheet HTML 60Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 61Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 62Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 63Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 64Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 65Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 66Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 67Page - Texas Instruments TMP320C2811PBKA Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 147 page
background image
Peripherals
64
June 2004
SPRS257
Mailbox RAM
(512 Bytes)
32-Message Mailbox
of 4 × 32-Bit Words
Memory Management
Unit
CPU Interface,
Receive Control Unit,
Timer Management Unit
eCAN Memory
(512 Bytes)
Registers and Message
Objects Control
32
32
Message Controller
32
32
32
32
32
32
eCAN Protocol Kernel
Receive Buffer
Transmit Buffer
Control Buffer
Status Buffer
Enhanced CAN Controller
32
Controls Address
Data
eCAN1INT
eCAN0INT
32
SN65HVD23x
3.3-V CAN Transceiver
CAN Bus
Figure 4−7. eCAN Block Diagram and Interface Circuit
Table 4−5. 3.3-V eCAN Transceivers for the R281x DSPs
PART NUMBER
SUPPLY
VOLTAGE
LOW-POWER
MODE
SLOPE
CONTROL
VREF
OTHER
TA
SN65HVD230
3.3 V
Standby
Adjustable
Yes
−−
−40°C to 85°C
SN65HVD230Q
3.3 V
Standby
Adjustable
Yes
−−
−40°C to 125°C
SN65HVD231
3.3 V
Sleep
Adjustable
Yes
−−
−40°C to 85°C
SN65HVD231Q
3.3 V
Sleep
Adjustable
Yes
−−
−40°C to 125°C
SN65HVD232
3.3 V
None
None
None
−−
−40°C to 85°C
SN65HVD232Q
3.3 V
None
None
None
−−
−40°C to 125°C
SN65HVD233
3.3 V
Standby
Adjustable
None
Diagnostic
Loopback
−40°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com