Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5541IPAPR Datasheet(PDF) 17 Page - Texas Instruments

Part # ADS5541IPAPR
Description  14-Bit, 105MSPS Analog-To-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5541IPAPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5541IPAPR Datasheet HTML 13Page - Texas Instruments ADS5541IPAPR Datasheet HTML 14Page - Texas Instruments ADS5541IPAPR Datasheet HTML 15Page - Texas Instruments ADS5541IPAPR Datasheet HTML 16Page - Texas Instruments ADS5541IPAPR Datasheet HTML 17Page - Texas Instruments ADS5541IPAPR Datasheet HTML 18Page - Texas Instruments ADS5541IPAPR Datasheet HTML 19Page - Texas Instruments ADS5541IPAPR Datasheet HTML 20Page - Texas Instruments ADS5541IPAPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
www.ti.com
Digital Supply Voltage (V)
70
72
74
76
78
80
82
84
86
88
90
3.0
3.1
3.2
3.3
3.4
3.5
3.6
fIN = 70 MHz
SFDR
SNR
Digital Supply Voltage (V)
60
62
64
66
68
70
72
74
76
78
80
3.0
3.1
3.2
3.3
3.4
3.5
3.6
fIN = 150MHz
SFDR
SNR
Sample Rate (MSPS)
0
100
200
300
400
500
600
0
10
20
30
40
50
60
70
80
90
100 110
fIN = 70MHz
Analog (DLL Off)
Analog (DLL On)
I/O (DLL On)
I/O (DLL Off)
Sample Rate (MSPS)
0
100
200
300
400
500
600
0
10
20
30
40
50
60
70
80
90
100 110
fIN = 150MHz
Analog (DLL Off)
Analog (DLL On)
I/O (DLL On)
I/O (DLL Off)
Free-Air Temperature (
°C)
70
72
74
76
78
80
82
84
86
88
90
−40
−15
10
35
60
85
fIN = 70MHz
SFDR
SNR
Input Amplitude (dBFS)
−30
−20
−10
0
10
20
30
40
50
60
70
80
90
100
−100 −90 −80 −70 −60 −50 −40 −30 −20 −10
0
fIN = 70MHz
SNR (dBc)
SFDR (dBc)
SNR (dBFS)
Production Data
ADS5541
SBAS307C – MAY 2004 – REVISED FEBRUARY 2007
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, AVDD = DRVDD = 3.3V, sampling rate = 105MSPS, 50% clock duty cycle, DLL On, 3VPP differential clock, and
–1dBFS differential input, unless otherwise noted.
AC PERFORMANCE vs DIGITAL SUPPLY VOLTAGE
AC PERFORMANCE vs DIGITAL SUPPLY VOLTAGE
Figure 23.
Figure 24.
POWER DISSIPATION vs SAMPLE RATE
POWER DISSIPATION vs SAMPLE RATE
Figure 25.
Figure 26.
AC PERFORMANCE vs FREE-AIR TEMPERATURE
AC PERFORMANCE vs INPUT AMPLITUDE
Figure 27.
Figure 28.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com