Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5541IPAPR Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS5541IPAPR
Description  14-Bit, 105MSPS Analog-To-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5541IPAPR Datasheet(HTML) 1 Page - Texas Instruments

  ADS5541IPAPR Datasheet HTML 1Page - Texas Instruments ADS5541IPAPR Datasheet HTML 2Page - Texas Instruments ADS5541IPAPR Datasheet HTML 3Page - Texas Instruments ADS5541IPAPR Datasheet HTML 4Page - Texas Instruments ADS5541IPAPR Datasheet HTML 5Page - Texas Instruments ADS5541IPAPR Datasheet HTML 6Page - Texas Instruments ADS5541IPAPR Datasheet HTML 7Page - Texas Instruments ADS5541IPAPR Datasheet HTML 8Page - Texas Instruments ADS5541IPAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
DESCRIPTION
APPLICATIONS
.
.
.
ADS5541
Serial Programming Register
Control Logic
Timing Circuitry
Internal
Reference
Output
Control
CLKOUT
CLK+
CLK−
VIN+
VIN−
CM
AVDD
DRVDD
OVR
DFS
Digital
Error
Correction
14-Bit
Pipeline
ADC
Core
S&H
AGND
DRGND
SCLK
SDATA
SEN
D0
D13
Production Data
ADS5541
SBAS307C – MAY 2004 – REVISED FEBRUARY 2007
14-Bit, 105MSPS
Analog-To-Digital Converter
• 14-Bit Resolution
The
ADS5541
is
a
high-performance,
14-bit,
105MSPS
analog-to-digital
converter
(ADC).
To
• 105MSPS Sample Rate
provide a complete converter solution, it includes a
• High SNR: 72dBFS at 100MHz f
IN
high-bandwidth linear sample-and-hold stage (S&H)
• High SFDR: 86dBc at 100MHz f
IN
and internal reference. Designed for applications
• 2.3V
PP Differential Input Voltage
demanding the highest speed and highest dynamic
performance in a small space, the ADS5541 has
• Internal Voltage Reference
excellent analog power dissipation of 571mW at 3.3V
• 3.3V Single-Supply Voltage
single-supply voltage. This allows an even higher
• Analog Power Dissipation: 571mW
system integration density. The provided internal
reference simplifies system design requirements.
• Serial Programming Interface
The parallel CMOS compatible
outputs
ensure
• TQFP-64 PowerPAD™ Package
seamless interfacing with common logic.
• Pin-Compatible With:
The ADS5541 is available in a TQFP-64 PowerPAD
–
ADS5500 (14-Bit, 125MSPS)
package over the industrial temperature range.
–
ADS5542 (14-Bit, 80MSPS)
ADS5500 PRODUCT FAMILY
–
ADS5520 (12-Bit, 125MSPS)
80MSPS
105MSPS
125MSPS
–
ADS5521 (12-Bit, 105MSPS)
12-Bit
ADS5522
ADS5521
ADS5542
–
ADS5522 (12-Bit, 80MSPS)
14-Bit
ADS5542
ADS5541
ADS5500
• Recommended Op Amps:
–
OPA695, OPA847, THS3202, THS3201,
THS4503, THS4509, THS9001
• Wireless Communication
–
Communication Receivers
–
Base Station Infrastructure
• Test and Measurement Instrumentation
• Single and Multichannel Digital Receivers
• Communication Instrumentation
–
Radar, Infrared
• Video and Imaging
• Medical Equipment
• Military Equipment
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5541IPAPR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5541 BURR-BROWN-ADS5541 Datasheet
401Kb / 30P
14-Bit, 80MSPS Analog-to-Digital Converter
ADS5541 BURR-BROWN-ADS5541 Datasheet
274Kb / 20P
12-Bit, 105MSPS Analog-toDigital Converter
ADS5541 BURR-BROWN-ADS5541 Datasheet
861Kb / 29P
11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5541 BURR-BROWN-ADS5541 Datasheet
995Kb / 30P
11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5541 TI1-ADS5541 Datasheet
1Mb / 32P
12-Bit, 80 MSPS Analog-To-Digital Converter
More results

Similar Description - ADS5541IPAPR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5542 BURR-BROWN-ADS5542 Datasheet
401Kb / 30P
14-Bit, 80MSPS Analog-to-Digital Converter
logo
Texas Instruments
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5675A TI1-DAC5675A Datasheet
1,002Kb / 26P
14-Bit, 400MSPS Digital-to-Analog Converter
DAC5675IPHP TI1-DAC5675IPHP Datasheet
572Kb / 31P
14-BIT, 400MSPS DIGITAL-TO ANALOG CONVERTER
logo
Analog Devices
HAS-1409 AD-HAS-1409_15 Datasheet
3Mb / 6P
14 BIT 125KHZ ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS5521 TI1-ADS5521 Datasheet
698Kb / 36P
12-Bit, 105MSPS Analog-To-Digital Converter
logo
DATEL, Inc.
5962-9319801HXC-14 DATEL-5962-9319801HXC-14 Datasheet
159Kb / 1P
14-Bit 5MHz Analog To Digital Converter
5962-9319803HXC-14 DATEL-5962-9319803HXC-14 Datasheet
159Kb / 1P
14-Bit 5MHz Analog To Digital Converter
5962-9319801HXA DATEL-5962-9319801HXA Datasheet
170Kb / 1P
14-Bit 5MHz Analog To Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com