Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5541IPAPR Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS5541IPAPR
Description  14-Bit, 105MSPS Analog-To-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5541IPAPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS5541IPAPR Datasheet HTML 10Page - Texas Instruments ADS5541IPAPR Datasheet HTML 11Page - Texas Instruments ADS5541IPAPR Datasheet HTML 12Page - Texas Instruments ADS5541IPAPR Datasheet HTML 13Page - Texas Instruments ADS5541IPAPR Datasheet HTML 14Page - Texas Instruments ADS5541IPAPR Datasheet HTML 15Page - Texas Instruments ADS5541IPAPR Datasheet HTML 16Page - Texas Instruments ADS5541IPAPR Datasheet HTML 17Page - Texas Instruments ADS5541IPAPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-120
-100
-80
-60
-40
-20
0
0
10
20
30
40
50
Frequency(MHz)
SFDR=91.6dBc
SNR=74.3dBFS
THD=87.5dBc
SINAD=74.1dBFS
Frequency(MHz)
-120
-100
-80
-60
-40
-20
0
0
10
20
30
40
50
SFDR=87.3dBc
SNR=73.9dBFS
THD=85.7dBc
SINAD=73.7dBFS
Frequency(MHz)
-120
-100
-80
-60
-40
-20
0
0
10
20
30
40
50
SFDR=88.2dBc
SNR=73.5dBFS
THD=84.2dBc
SINAD=73.2dBFS
Frequency(MHz)
-120
-100
-80
-60
-40
-20
0
0
10
20
30
40
50
SFDR=80.9dBc
SNR=73.1dBFS
THD=79.1dBc
SINAD=72.3dBFS
Frequency(MHz)
-120
-100
-80
-60
-40
-20
0
0
10
20
30
40
50
SFDR=85.2dBc
SNR=72.3dBFS
THD=82.4dBc
SINAD=71.9dBFS
Frequency(MHz)
-120
-100
-80
-60
-40
-20
0
0
10
20
30
40
50
SFDR=82.8dBc
SNR=72.1dBFS
THD=80.8dBc
SINAD=71.7dBFS
Production Data
ADS5541
SBAS307C – MAY 2004 – REVISED FEBRUARY 2007
At T
A = +25°C, AVDD = DRVDD = 3.3V, sampling rate = 105MSPS, 50% clock duty cycle, DLL On, 3VPP differential clock, and
–1dBFS differential input, unless otherwise noted.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(FFT for 4MHz Input Signal)
(FFT for 16MHz Input Signal)
Figure 5.
Figure 6.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(FFT for 55MHz Input Signal)
(FFT for 70MHz Input Signal)
Figure 7.
Figure 8.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(FFT for 100MHz Input Signal)
(FFT for 125MHz Input Signal)
Figure 9.
Figure 10.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com