Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5541IPAPR Datasheet(PDF) 26 Page - Texas Instruments

Part # ADS5541IPAPR
Description  14-Bit, 105MSPS Analog-To-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5541IPAPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS5541IPAPR Datasheet HTML 22Page - Texas Instruments ADS5541IPAPR Datasheet HTML 23Page - Texas Instruments ADS5541IPAPR Datasheet HTML 24Page - Texas Instruments ADS5541IPAPR Datasheet HTML 25Page - Texas Instruments ADS5541IPAPR Datasheet HTML 26Page - Texas Instruments ADS5541IPAPR Datasheet HTML 27Page - Texas Instruments ADS5541IPAPR Datasheet HTML 28Page - Texas Instruments ADS5541IPAPR Datasheet HTML 29Page - Texas Instruments ADS5541IPAPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
www.ti.com
OUTPUT INFORMATION
Differential Clock Amplitude (V)
65
70
75
80
85
90
95
0.0
0.5
1.0
1.5
2.0
2.5
3.0
fIN = 70MHz
SNR
SFDR
INTERNAL DLL
Production Data
ADS5541
SBAS307C – MAY 2004 – REVISED FEBRUARY 2007
Bandpass filtering of the source can help produce a
of the two modes, the device enters power-down
50% duty cycle clock and reduce the effect of jitter.
mode if no clock or a slow clock is provided. The
When using a sinusoidal clock, the clock jitter further
limit of the clock frequency where the device
improves as the amplitude is increased. In that
functions properly with default settings is ensured to
sense, using a differential clock allows for the use of
be over 2MHz.
larger amplitudes without exceeding the supply rails
and absolute maximum ratings of the ADC clock
input. Figure 49 shows the performance variation of
The ADC provides 14 data outputs (D13 to D0, with
the device versus input clock amplitude. For detailed
D13 being the MSB and D0 the LSB), a data-ready
clocking
schemes
based
on
transformer
or
signal (CLKOUT, pin 43), and an out-of-range
PECL-level clocks, see the ADS5541EVM User's
indicator (OVR, pin 64) that equals '1' when the
Guide (SLWU010), available for download from
output reaches the full-scale limits.
www.ti.com.
Two different output formats (straight offset binary or
two's complement) and two different output clock
polarities (latching output data on rising or falling
edge of the output clock) can be selected by setting
DFS (pin 40) to one of four different voltages.
Table 3 details the four modes. In addition, output
enable control (OE, pin 41, active high) is provided to
put the outputs into a high-impedance state.
In the event of an input voltage overdrive, the digital
outputs go to the appropriate full-scale level. For a
positive overdrive, the output code is 0x3FFF in
straight offset binary output format, and 0x1FFF in
two's complement output format. For a negative input
overdrive, the output code is 0x0000 in straight offset
binary
output
format,
and
0x2000
in
two's
complement output format. These outputs to an
Figure 49. AC Performance vs Clock Amplitude
overdrive signal are ensured through design and
characterization
The output circuitry of the ADS5541, by design,
minimizes the noise produced by the data switching
In order to achieve the fastest possible sampling
transients, and, in particular, its coupling to the ADC
rates with the ADS5541, the device uses an internal
analog circuitry. Output D4 (pin 51) senses the load
delay locked loop (DLL). The effective delay range of
capacitance and adjusts the drive capability of all the
the DLL limits its use to sampling rates above
output pins of the ADC to maintain the same output
60MSPS. In order to operate the device below
slew rate described in the timing diagram of Figure 1.
60MSPS, the internal DLL must be shut off using the
Care should be taken to ensure that all output lines
DLL OFF mode described in the Serial Programming
(including CLKOUT) have nearly the same load as
Interface section. The Typical Characteristics show
D4 (pin 51). This circuit also reduces the sensitivity
the
performance
obtained
in
both
modes
of
of the output timing versus supply voltage or
operation: DLL ON (default) and DLL OFF. In either
temperature. Placing external resistors in series with
the outputs is not recommended.
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com