Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5541IPAPR Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS5541IPAPR
Description  14-Bit, 105MSPS Analog-To-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5541IPAPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS5541IPAPR Datasheet HTML 18Page - Texas Instruments ADS5541IPAPR Datasheet HTML 19Page - Texas Instruments ADS5541IPAPR Datasheet HTML 20Page - Texas Instruments ADS5541IPAPR Datasheet HTML 21Page - Texas Instruments ADS5541IPAPR Datasheet HTML 22Page - Texas Instruments ADS5541IPAPR Datasheet HTML 23Page - Texas Instruments ADS5541IPAPR Datasheet HTML 24Page - Texas Instruments ADS5541IPAPR Datasheet HTML 25Page - Texas Instruments ADS5541IPAPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
www.ti.com
500mA
f
S (in MSPS)
105 MSPS
(5)
R
0
50
Ω
Z
0
50
Ω
1:1
INP
INM
CM
ADT1−1WT
R
50
Ω
1nF
0.1
µF
AC Signal
Source
10
Ω
25
Ω
25
Ω
ADS5541
Production Data
ADS5541
SBAS307C – MAY 2004 – REVISED FEBRUARY 2007
This differential input topology produces a high level
The single-ended signal is fed to the primary winding
of ac performance for high sampling rates. It also
of an RF transformer. Placing a 25
Ω resistor in
results in a very high usable input bandwidth,
series with INP and INM is recommended to dampen
especially important for high intermediate-frequency
ringing because of ADC kickback. Since the input
(IF) or undersampling applications. The ADS5541
signal must be biased around the common-mode
requires each of the analog inputs (INP, INM) to be
voltage of the internal circuitry, the common-mode
externally biased around the common-mode level of
voltage (VCM) from the ADS5541 is connected to the
the internal circuitry (CM, pin 17). For a full-scale
center-tap of the secondary winding. To ensure a
differential input, each of the differential lines of the
steady low-noise VCM reference, best performance is
input signal (pins 19 and 20) swing symmetrically
attained when the CM output (pin 17) is filtered to
between CM + 0.575V and CM – 0.575V. This
ground with a 10
Ω series resistor and parallel 0.1µF
means that each input is driven with a signal of up to
and 0.001
µF low-inductance capacitors as illustrated
CM ± 0.575V, so that each input has a maximum
in Figure 39.
differential signal of 1.15V
PP for a total differential
Output VCM (pin 17) is designed to directly drive the
input signal swing of 2.3V
PP. The maximum swing is
ADC input. When providing a custom CM level, be
determined by the two reference voltages, the top
aware that the input structure of the ADC sinks a
reference (REFP, pin 29) and the bottom reference
common-mode current in the order of 500
µA (250µA
(REFM, pin 30).
per input) at 105MSPS. Equation 5 describes the
The ADS5541 gives optimum performance when the
dependency of the common-mode current and the
analog inputs are driven differentially. The circuit
sampling frequency:
shown
in
Figure
40
illustrates
one
possible
configuration using an RF transformer.
Where:
fS > 2MSPS.
This equation helps to design the output capability
and impedance of the driving circuit accordingly.
Figure 40. Transformer Input to Convert Single-Ended Signal to Differential Signal
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com