Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5541IPAPR Datasheet(PDF) 25 Page - Texas Instruments

Part # ADS5541IPAPR
Description  14-Bit, 105MSPS Analog-To-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5541IPAPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS5541IPAPR Datasheet HTML 21Page - Texas Instruments ADS5541IPAPR Datasheet HTML 22Page - Texas Instruments ADS5541IPAPR Datasheet HTML 23Page - Texas Instruments ADS5541IPAPR Datasheet HTML 24Page - Texas Instruments ADS5541IPAPR Datasheet HTML 25Page - Texas Instruments ADS5541IPAPR Datasheet HTML 26Page - Texas Instruments ADS5541IPAPR Datasheet HTML 27Page - Texas Instruments ADS5541IPAPR Datasheet HTML 28Page - Texas Instruments ADS5541IPAPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
www.ti.com
CLOCK INPUT
0.01
µF
CLKP
CLKM
0.01
µF
Differential Square Wave
or Sine Wave
(3V
PP)
ADS5541
5 kW
5 kW
3 pF
3 pF
6 pF
CLKP
CLKM
CM
CM
Clock Duty Cycle (%)
65
70
75
80
85
90
95
40
45
50
55
60
fIN = 20MHz
SNR
SFDR
0.01
µF
0.01
µF
CLKP
CLKM
Square Wave
or Sine Wave
(3V
PP)
ADS5541
Production Data
ADS5541
SBAS307C – MAY 2004 – REVISED FEBRUARY 2007
The ADS5541 clock input can also be driven
differentially,
reducing
susceptibility
to
The ADS5541 clock input can be driven with either a
common-mode noise. In this case, it is best to
differential clock signal or a single-ended clock input,
connect both clock inputs to the differential input
with little or no difference in performance between
clock signal with 0.01
µF capacitors, as shown in
both configurations. The common-mode voltage of
Figure 47.
the clock inputs is set internally to CM (pin 17) using
internal 5k
Ω resistors that connect CLKP (pin 10)
and CLKM (pin 11) to CM (pin 17), as shown in
Figure 45.
Figure 47. AC-Coupled, Differential Clock Input
For
high-input
frequency
sampling,
it
is
recommended to use a clock source with low jitter.
Additionally, the internal ADC core uses both edges
of the clock for the conversion process. This means
that, ideally, a 50% duty cycle should be provided.
Figure 48 shows the performance variation of the
ADC versus clock duty cycle.
Figure 45. Clock Inputs
When driven with a single-ended CMOS clock input,
it is best to connect CLKM (pin 11) to ground with a
0.01
µF capacitor, while CLKP is ac-coupled with a
0.01
µF capacitor to the clock source, as shown in
Figure 46.
Figure 48. AC Performance vs Clock Duty Cycle
Figure 46. AC-Coupled, Single-Ended Clock Input
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com