Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5541IPAPR Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS5541IPAPR
Description  14-Bit, 105MSPS Analog-To-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5541IPAPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5541IPAPR Datasheet HTML 9Page - Texas Instruments ADS5541IPAPR Datasheet HTML 10Page - Texas Instruments ADS5541IPAPR Datasheet HTML 11Page - Texas Instruments ADS5541IPAPR Datasheet HTML 12Page - Texas Instruments ADS5541IPAPR Datasheet HTML 13Page - Texas Instruments ADS5541IPAPR Datasheet HTML 14Page - Texas Instruments ADS5541IPAPR Datasheet HTML 15Page - Texas Instruments ADS5541IPAPR Datasheet HTML 16Page - Texas Instruments ADS5541IPAPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
www.ti.com
THD + 10Log10
P
S
P
D
(4)
Production Data
ADS5541
SBAS307C – MAY 2004 – REVISED FEBRUARY 2007
Total Harmonic Distortion (THD)
Reference Error
THD is the ratio of the power of the fundamental (PS)
The reference error is the variation of the actual
to the power of the first eight harmonics (PD).
reference voltage (VREFP – VREFM) from its ideal
value. The reference error is typically given as a
percentage.
Voltage Overload Recovery Time
THD is typically given in units of dBc (dB to carrier).
The voltage overload recovery time is defined as the
Spurious-Free Dynamic Range (SFDR)
time required for the ADC to recover to within 1% of
the full-scale range in response to an input voltage
The ratio of the power of the fundamental to the
overload of 10% beyond the full-scale range.
highest other spectral component (either spur or
harmonic). SFDR is typically given in units of dBc
AC Power-Supply Rejection Ratio (AC PSRR)
(dB to carrier).
The ratio of output spectral power at a given
Two-Tone Intermodulation Distortion (IMD3)
frequency with respect to the injected ac-power on
AVDD at that frequency. The rejected ac-input
IMD3 is the ratio of the power of the fundamental (at
amplitude should be limited to less than 100mVPP.
frequencies f1 and f2) to the power of the worst
The PSRR is typically given in units of dB.
spectral component at either frequency 2f1 – f2 or 2f2
– f1. IMD3 is either given in units of dBc (dB to
carrier) when the absolute power of the fundamental
is used as the reference, or dBFS (dB to full scale)
when the power of the fundamental is extrapolated to
the converter full-scale range.
DC Power-Supply Rejection Ration (DC PSRR)
The DC PSSR is the ratio of the change in offset
error to a change in analog supply voltage. The DC
PSRR is typically given in units of mV/V.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com