Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z560-R1 Datasheet(PDF) 18 Page - Texas Instruments

Part # BQ28Z560-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560-R1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button BQ28Z560-R1_14 Datasheet HTML 14Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 15Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 16Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 17Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 18Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 19Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 20Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 21Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
No Charger
Attach a Charge
Normal
Overcharge
Voltage Protection
Overcurrent Protection
During Charging
Shutdown
Short-Circuit
Protection
Over-Discharge
Protection
CHG: ON
DSG: OFF
VREG: ON
CHG: ON
DSG: OFF
VREG: ON
CHG: OFF
DSG: ON
VREG: ON
CHG: OFF
DSG: ON
VREG: ON
CHG: ON
DSG: ON
VREG: ON
CHG: OFF
DSG: OFF
VREG: OFF
CHG: ON
DSG: OFF
VREG: OFF
for a period of
t > 4.0 ms
VM >
– 0.9 V
for a period of t > 400 µs
VM < 0.15 V
or
No Load detected
VM > 0.15 V for a period
of 12 ms
VM < 0.15 V or
No Load detected
for a period of 4.0 ms
VM < –0.112 V
for a period of 12 ms
Charger removed and
Load detected
for a period of 4.0 ms
> 4.25 V
for a period
of 1.0 s
< 2.3 V
for a period of t > 24 ms
During Discharging
Overcurrent Protection
> 2.3 V
BAT
V
BAT
V
BAT
V
< 4.07 V
for a period of 8.0 ms
BAT
V
BAT
V
bq28z560-R1
SLUSBD3 – APRIL 2013
www.ti.com
Figure 6. FET Control Protection
NOTE
When the CHG FET or DSG FET is turned OFF due to fault conditions, bus
communication is not valid. The bus communication will only be activated by removal of
the fault condition (see Table 2).
18
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq28z560-R1
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com