Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z560-R1 Datasheet(PDF) 49 Page - Texas Instruments

Part # BQ28Z560-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560-R1 Datasheet(HTML) 49 Page - Texas Instruments

Back Button BQ28Z560-R1_14 Datasheet HTML 45Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 46Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 47Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 48Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 49Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 50Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 51Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 52Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
bq28z560-R1
www.ti.com
SLUSBD3 – APRIL 2013
Mode
Enter Mode
Exit Mode
Comment
From FULLSLEEP mode, the
The system exits this mode if the VBAT
system will go into HIBERNATE
> programmed threshold,
mode if the load current decreases
OR load current is > programmed
Enters hibernation if VBAT range is
to programmed value,
threshold,
2.4 V to 3 V with a default at 2.55 V.
HIBERNATE
OR if the cell voltage falls below the OR communication activity is on the
The load current threshold range is 0
programmed value,
bus line,
to 0.7 A with a default value of 8 mA.
OR if the host sets the command in
OR the host sets the command in
MAC.
MAC.
From SLEEP mode, the system will
Exit from this mode if there is bus
In this mode, the VREG and DSG
enter this mode if the VBAT < 2.4 V
activity,
FET are turned OFF and the system
for a period longer than 24 ms and
OR the load current detected is >
SHUTDOWN
will only wake up if the charger is
the charger is not attached. The
IWAKE,
attached on the Pack+, Pack–
system can also be put in
OR the charger is connected to the
terminals.
SHUTDOWN mode through MAC.
system.
AUTOCALIBRATION
The bq28z560-R1 provides an auto calibration feature that measures the voltage offset error across SRP and
SRN from time-to-time as operating conditions change. It subtracts the resulting offset error from the normal
sense resistor voltage, VSR, for maximum measurement accuracy.
Auto calibration of the ADC begins on entry to SLEEP mode, except if Temperature() is
≤ 5°C or Temperature() ≥
45°C.
The gas gauge also performs a single offset when (1) the condition of AverageCurrent()
≤ 100 mA and (2) {cell
voltage change since last offset calibration
≥ 256 mV} or {temperature change since last offset calibration is
greater than 80°C for
≥ 60 s}.
Capacity and current measurements continue at the last measured rate during the offset calibration when these
measurements cannot be performed. If the battery voltage drops more than 32 mV during the offset calibration,
the load current has likely increased considerably and the offset calibration will be aborted.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: bq28z560-R1
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com