Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z560-R1 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ28Z560-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560-R1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ28Z560-R1_14 Datasheet HTML 7Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 8Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 9Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 10Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 11Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 12Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 13Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 14Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
bq28z560-R1
www.ti.com
SLUSBD3 – APRIL 2013
Bus Idle: The bus is considered idle or busy when no master device has control of this device. The SDA and
SCL lines are high when the bus is idle. The appropriate method to go into the STOP condition is to ensure the
bus returns to idle state.
START (S) and STOP (P) Conditions: To initiate communications, the master device transitions the SDA line
from high-to-low when the SCL is high. Conversely, to STOP the communication, the SDA goes low-to-high
when the SCL is high. To continue communication without terminating one transaction and beginning another, a
repeated START (Sr) method can be used without a STOP condition being initiated. These are the only
conditions (START or STOP) when SDA transitions when SCL is high.
Acknowledge Bits: An Acknowledge bit (A) is required after each data transfer byte to ensure correct
communications. This occurs when the receiving device pulls the SDA low before the rising edge of the
acknowledge-related clock pulse (ninth pulse) and keeps it low until the SCL returns low. There is also a No-
Acknowledge bit (N), which occurs when the receiver releases the SDA line (high) before the rising edge of
acknowledge-related clock pulse, and maintains the SDA line high until SCL returns low. The Acknowledge bit
indicates if a successful data transfer has occurred between the master and slave device. Monitoring this bit also
indicates an unsuccessful data transfer due to the receiving device being busy or as a system fault occurrence.
Communication Format
A START command immediately followed by a STOP command is an illegal format.
MSB
S
Slave Address
R/W
A
Data
A
P
S = START Command
R/W = Read from slave device ("1") or Write to slave device ("0")
A = Acknowledge bit
P = STOP Command
Slave Address = 7-bit address field for register address
Data = 8-bit data field
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: bq28z560-R1
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com