Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z560-R1 Datasheet(PDF) 22 Page - Texas Instruments

Part # BQ28Z560-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560-R1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button BQ28Z560-R1_14 Datasheet HTML 18Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 19Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 20Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 21Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 22Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 23Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 24Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 25Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
bq28z560-R1
SLUSBD3 – APRIL 2013
www.ti.com
HDQIntEn = Status bit indicating the HDQ interrupt function is active. True when set. Default is 0.
SHUTDOWN = Status bit indicating the bq28z560-R1 is in SHUTDOWN mode. True when set. Default is 0.
HIBERNATE = Status bit indicating a request for entry into HIBERNATE from SLEEP mode has been issued. True when set. Default is
0. Control bit when set will put the bq28z560-R1 into the lower power state of SLEEP mode. It is not possible to monitor
this bit.
Status bit indicating the bq28z560-R1 is in FULLSLEEP mode. True when set. The state can be detected by monitoring
FULLSLEEP =
the power used by the bq28z560-R1 because any communication will automatically clear it.
SLEEP = Status bit indicating the bq28z560-R1 is in SLEEP mode. True when set.
LDMD = Status bit indicating the bq28z560-R1 Impedance Track algorithm using CONSTANT POWER mode. True when set.
Default is 0 (CONSTANT CURRENT mode).
RUP_DIS = Status bit indicating the bq28z560-R1 Ra table updates are disabled. True when set.
VOK = Status bit indicating cell voltages are OK for Qmax updates. True when set.
QEN = Status bit indicating the bq28z560-R1 Qmax updates are enabled. True when set.
Control(): 0x00/0x01
Issuing a Control() command requires a subsequent 2-byte subcommand. These additional bytes specify the
particular control function desired. The Control() command allows the system to control specific features of the
bq28z560-R1 during normal operation and additional features when the device is in access modes, as described
in Table 6.
Table 6. Control() Subcommands
CNTL FUNCTION
CNTL DATA
SEALED ACCESS
DESCRIPTION
SET_FULLSLEEP
0x0010
Yes
Sets the [FULLSLEEP] bit in Control Status register to 1
SET_HIBERNATE
0x0011
Yes
Forces CONTROL_STATUS [HIBERNATE] to 1
CLEAR_HIBERNATE
0x0012
Yes
Forces CONTROL_STATUS [HIBERNATE] to 0
SET_SHUTDOWN
0x0013
Yes
Forces CONTROL_STATUS [SHUTDOWN] to 1
CLEAR_SHUTDOWN
0x0014
Yes
Forces CONTROL_STATUS [SHUTDOWN] to 0
HOST_DISCONNECT
0x0018
Yes
Forces the DOUT pin low to disable discharge.
HOST_CONNECT
0x0019
Yes
Clears DSGFETOFF allowing DOUT to go high if no
other conditions force it low
DEVICE_TYPE: 0x0001
Instructs the gas gauge to return the device type to addresses 0x00/0x01.
FW_VERSION: 0x0002
Instructs the gas gauge to return the firmware version to addresses 0x00/0x01. The bq28z560-R1 firmware
version return is 0x0214.
HW_VERSION: 0x0003
Instructs the gas gauge to return the hardware version to addresses 0x00/0x01. For bq28z560-R1, 0x0060 is
returned. For a firmware upgrade from bq28z560-R1, 0x0000 or 0x0060 is returned.
RESET_DATA: 0x0005
Instructs the gas gauge to return the number of resets performed to addresses 0x00/0x01.
PREV_MACWRITE: 0x0007
Instructs the gas gauge to return the previous command written to addresses 0x00/0x01. The value returned is
limited to less than 0x0020.
CHEM_ID: 0x0008
Instructs the gas gauge to return the chemical identifier for the Impedance Track configuration to addresses
0x00/0x01.
22
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq28z560-R1
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com