Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z560-R1 Datasheet(PDF) 44 Page - Texas Instruments

Part # BQ28Z560-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560-R1 Datasheet(HTML) 44 Page - Texas Instruments

Back Button BQ28Z560-R1_14 Datasheet HTML 40Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 41Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 42Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 43Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 44Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 45Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 46Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 47Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
Exit From SLEEP
Pack Configuration [SLEEP ] =0
OR
| AverageCurrent( ) | > Sleep Current
OR
Current is Detected above IWAKE
Fuel gauging and data
updated every 1 s
NORMAL
Fuel gauging and data
updated every 20 seconds
SLEEP
Disable all gas gauge
subcircuits except GPIO
HIBERNATE
Wakeup From HIBERNATE
Communication Activity
AND
Comm address is NOT for the gas gauge
Exit From HIBERNATE
VBAT < POR threshold
POR
Exit From WAIT_ HIBERNATE
Cell relaxed
AND
| AverageCurrent () | <
Hibernate
Current
OR
Cell relaxed
AND
V
BAT < Hibernate Voltage
System HIBERNATION
Exit From HIBERNATE
Communication Activity
OR
the gas gauge clears Control Status
[ HIBERNATE ] = 0
Recommend Host also set Control
Status
[ HIBERNATE] = 0
WAIT_HIBERNATE
Fuel gauging and data
updated every 20 s
In low-power state of SLEEP
.
mode Gas gauging and data
are updated every 20 s.
FULLSLEEP
System SLEEP
FULLSLEEP Count Down
WAITFULLSLEEP
Entry to FULLSLEEP
Host must set Control Status
[FULLSLEEP] = 1
Exit From FULLSLEEP
Any Communication Cmd
Exit From WAITFULLSLEEP
Any Communication Cmd
Entry to WAITFULLSLEEP
Full Sleep Wait Time > 0
Entry to FULLSLEEP
Count < 1
Exit From SLEEP
(Host has set Control Status
[
HIBERNATE ] = 1
OR
<
Hibernate Voltage
_
Exit From WAIT HIBERNATE
Host must set Control Status
[ HIBERNATE ] = 0
AND
>
Hibernate Voltage
Entry to SLEEP
Pack Configuration[ SLEEP] = 1
AND
| AverageCurrent( ) | =Sleep Current
Fuel Gauge is OFF
V
= 0 V
SHUTDOWN
Entry to SHUTDOWN
No Charger Present
System SHUTDOWN
PRE-SHUTDOWN
Fuel Gauging stopped
Discharge FET opened
IBAT = Hibernate
Entry to PRE-SHUTDOWN
[ SHUTDOWN ] = 1
Exit from PRE-SHUTDOWN
Communication Activity
OR
Current Detected >
IWAKE
Exit from SHUTDOWN
Charger Detected
AND
Protection FETs closed
V
BAT
BAT
V
BAT
bq28z560-R1
SLUSBD3 – APRIL 2013
www.ti.com
Figure 7. Power Mode Diagram
NORMAL MODE
The gas gauge is in NORMAL mode when not in any other power mode. During this mode, AverageCurrent(),
Voltage(), and Temperature() measurements are taken, and the interface data set is updated. Decisions to
change states are also made. This mode is exited by activating a different power mode.
Because the gauge consumes the most power in NORMAL mode, the algorithm minimizes the time the gas
gauge remains in this mode.
NOTE
When the battery is connected for the first time, discharging may not be enabled. For this
case, one of the following procedures is required:
Short the VM pin to the VSS pin or connect the charger such that the IC returns to normal
status.
SLEEP MODE
SLEEP mode is entered automatically if the feature is enabled (Pack Configuration [SLEEP]) = 1) and
AverageCurrent() is below the programmable level Sleep Current. Once entry into SLEEP mode has been
qualified, but prior to entering it, the bq28z560-R1 performs an ADC auto-calibration to minimize offset.
44
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq28z560-R1
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com