Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z560-R1 Datasheet(PDF) 20 Page - Texas Instruments

Part # BQ28Z560-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560-R1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button BQ28Z560-R1_14 Datasheet HTML 16Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 17Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 18Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 19Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 20Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 21Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 22Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 23Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
bq28z560-R1
SLUSBD3 – APRIL 2013
www.ti.com
DATA COMMANDS
STANDARD DATA COMMANDS
The bq28z560-R1 uses a series of 2-byte standard commands to enable system reading and writing of battery
information. Each standard command has an associated command-code pair, as indicated in Table 3. Each
protocol has specific means to access the data at each Command Code. DataRAM is updated and read by the
gauge only once per second. Standard commands are accessible in normal operation mode.
Table 3. Standard Commands
SEALED
NAME
COMMAND CODE
UNITS
ACCESS
Control()
CNTL
0x00 / 0x01
N/A
R/W
AtRate()
AR
0x02 / 0x03
mA
R/W
AtRateTimeToEmpty()
ARTTE
0x04 / 0x05
Minutes
R
Temperature()
TEMP
0x06 / 0x07
0.1K
R
Voltage()
VOLT
0x08 / 0x09
mV
R
Flags()
FLAGS
0x0a / 0x0b
N/A
R
NominalAvailableCapacity()
NAC
0x0c / 0x0d
mAh
R
FullAvailableCapacity()
FAC
0x0e / 0x0f
mAh
R
RemainingCapacity()
RM
0x10 / 0x11
mAh
R
FullChargeCapacity()
FCC
0x12 / 0x13
mAh
R
AverageCurrent()
AI
0x14 / 0x15
mA
R
TimeToEmpty()
TTE
0x16 / 0x17
Minutes
R
TimeToFull()
TTF
0x18 / 0x19
Minutes
R
StandbyCurrent()
SI
0x1a / 0x1b
mA
R
StandbyTimeToEmpty()
STTE
0x1c / 0x1d
Minutes
R
MaxLoadCurrent()
MLI
0x1e / 0x1f
mA
R
MaxLoadTimeToEmpty()
MLTTE
0x20 / 0x21
Minutes
R
mWhr /
AvailableEnergy()
AE
0x22 / 0x23
R
cWhr
AveragePower()
AP
0x24 / 0x25
mW / cW
R
TTEatConstantPower()
TTECP
0x26 / 0x27
Minutes
R
Internal_Temp()
INTTEMP
0x28 / 0x29
0.1°K
R
CycleCount()
CC
0x2a / 0x2b
Counts
R
StateOfCharge()
SOC
0x2c / 0x2d
%
R
StateOfHealth()
SOH
0x2e / 0x2f
% / num
R
PassedCharge()
PCHG
0x34 / 0x35
mAh
R
DOD0()
DOD0
0x36 / 0x37
HEX#
R
SelfDischargeCurrent()
SDSG
0x38 / 0x39
mA
R
Control(): 0x00/0x01
Issuing a Control() command requires a subsequent 2-byte subcommand. These additional bytes specify the
particular control function desired. The Control() command allows the system to control specific features of the
bq28z560-R1 during normal operation and additional features when the bq28z560-R1 is in different access
modes, as described in Table 4.
Table 4. Control() Subcommands
SEALED
CNTL FUNCTION
CNTL DATA
DESCRIPTION
ACCESS
CONTROL_STATUS
0x0000
Yes
Reports the status of DF Checksum, Hibernate, IT, etc.
DEVICE_TYPE
0x0001
Yes
Reports the device type of 0x0541 (indicating bq28z560-R1)
20
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq28z560-R1
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com