Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28Z560-R1 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ28Z560-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560-R1 Datasheet(HTML) 4 Page - Texas Instruments

  BQ28Z560-R1_14 Datasheet HTML 1Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 2Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 3Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 4Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 5Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 6Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 7Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 8Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
1
2
3
4
5
6
12
Thermal Pad
11
10
9
8
7
DOUT
COUT
VM
BAT
VREG
VSS
GPIO
SCL
SDA
TS
SRN
SRP
DRZ Package
(Top View)
bq28z560-R1
SLUSBD3 – APRIL 2013
www.ti.com
PIN DETAILS
Table 1. Pin Descriptions
PIN
PIN
I/O(1)
DESCRIPTION
NUMBER
NAME
1
DOUT
IA
The output of the gate drive for discharge FET
2
COUT
IA
The output of the gate drive for charge FET
Analog input pin connected to the PACKN through a 510-
Ω resistor. Overcurrent and short-circuit
3
VM
IA
protection circuits use the voltage across VM and VSS to detect if excessive charge or discharge
current is flowing through the protection FETs.
4
BAT
IA
Cell voltage measurement input. ADC input. Connect a 0.1-µF ceramic capacitor to VSS.
5
VREG
P
2.5-V output voltage of the internal integrated LDO. Connect a 0.1-µF ceramic capacitor to VSS.
6
VSS
P
Device ground
Analog input pin connected to the internal coulomb counter where SRP is nearest the CELL–
7
SRP
IA
connection. Connect to a 5-m
Ω to 20-mΩ sense resistor.
Analog input pin connected to the internal coulomb counter where SRN is nearest the PACKN
8
SRN
IA
connection. Connect to a 5-m
Ω to 20-mΩ sense resistor.
9
TS
IA
Pack thermistor voltage sense (use 103AT-type thermistor), ADC input
10
SDA
I/O
Serial Data interface for SMBus
11
SCL
I
Serial Clock interface for SMBus
12
GPIO
I/O
General Purpose control output for configuration as CFET control OR Alert output OR HDQ interface
13
PWPD
I/O
Thermal Pad. Connect to VSS externally on PCB.
(1)
IA = Input Analog, OA = Output Analog, P = Power Connection
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq28z560-R1
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com