Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2805S/883 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # MFL2805S/883
Description  MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL2805S/883 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  MFL2805S/883 Datasheet HTML 1Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 2Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 3Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 4Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 5Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 6Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 7Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 8Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Figure 1: SenSe connectionS anD trim table – Single output moDelS
SenSe anD trim
Single output models provide sense to maintain voltage at the
load. The converters output voltage can also be trimmed up. See
Figure 1.
current Sharing anD parallel operation
For increased power parallel up to 3 converters. The maximum
recommended power is 70% of the total available power. Multiple
MFL converters may be used in parallel to drive a common
load. Only single output models with SENSE and SNS RTN can
be used in the share mode. In this mode of operation the load
current is shared by two or three MFL converters.
In current sharing mode, one MFL converter is designated as a
master. The SLaVE pin (pin 11) of the master is left unconnected
and the MSTR/INH2 pin (pin 12) of the master is connected to
the SLaVE pin (pin 11) of the slave units.
The units designated as slaves have the MSTR/INH2 pin (pin
12) connected to the SNS RTN pin (pin 9) of the master unit.
Figure 2 on page 3 shows the typical setup for two or three
units in parallel.
a second slave unit may be placed in parallel with a master and
slave; this requires the TRI pin (pin 3) of the master unit to be
connected to the SNS RTN pins (pin 9), per Figure 2 on page
3.
In current sharing mode, the converters function as a current
source. For this reason it is important that their outputs be
connected to the common ground at all times to prevent an
excessively high voltage at their outputs.
RL
1
2
3
4
5
6
REMOTE SENSE CONNECTION
12
11
10
9
8
7
–
+
28V
–
+
Inhibit
Sync In
1
2
3
4
5
6
OUTPUT VOLTAGE ADJUST CONNECTION
12
11
10
9
8
7
28V
–
+
Inhibit
Sync In
RA
Positive Input
Input Common
TRI
INH1
Sync Out
Sync In
MSTR/INH2
Slave
Pos. Sense
Sense Return
Output Common
Positive Output
Positive Input
Input Common
TRI
INH1
Sync Out
Sync In
MSTR/INH2
Slave
Pos. Sense
Sense Return
Output Common
Positive Output
RL
–
+
VOuT INCREaSE
Ra (Ω)
VOLTS
3.3 V
5 V
12 V
15 V
0.1
66
77
27
21
0.2
131
153
55
43
0.3
196
230
82
64
0.4
262
307
109
86
0.5
349
396
139
109
Notes
1. When using remote sense for voltage
compensation or when using remote sense
for trim, the output will drift over temperature.
Contact applications Engineering for more
information powerapps@crane-eg.com.
2. do not exceed the maximum rated power.
MFL single and dual dc-dc converters
28 VoLt input - 65 Watt
www.craneae.com/interpoint
Page 2 of 14
MFL Rev ad - 2016.02.19
Crane Aerospace & Electronics Power Solutions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com