Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2805S/883 Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # MFL2805S/883
Description  MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL2805S/883 Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button MFL2805S/883 Datasheet HTML 2Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 3Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 4Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 5Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 6Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 7Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 8Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 9Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
table 5: operating conDitionS, all moDelS, 25°c caSe, 28 Vin, 100% loaD, unleSS otherwiSe SpeciFieD.
aLL MOdELS
PaRaMETER
CONdITIONS
MIN
TYP
MaX
uNITS
LEad SOLdERINg TEMPERaTuRE 1
10 SECONdS MaX.
—
—
300
°C
STORagE TEMPERaTuRE 1
-65
—
+150
°C
CaSE OPERaTINg
FuLL POWER
-55
—
+125
°C
TEMPERaTuRE
aBSOLuTE 1
-55
—
+135
dERaTINg OuTPuT POWER/CuRRENT 1
LINEaRLY
From 100% at 125°C to 0% at 135°C
ISOLaTION: INPuT TO OuTPuT OR aNY
@ 500 VdC aT 25°C
100
—
—
Megohms
PIN TO CaSE
INPuT TO OuTPuT CaPaCITaNCE 1
—
150
—
pF
CuRRENT LIMIT 2
% OF FuLL LOad
—
125
—
%
audIO REJECTION 1
—
50
—
dB
CONVERSION FREQuENCY, FREE RuN
FREE RuN, -55°C TO +125°C
525
600
675
kHz
SYNCHRONIZaTION IN
INPuT FREQuENCY
525
—
675
kHz
-55°C TO +125°C
duTY CYCLE 1
40
—
60
%
aCTIVE LOW
—
—
0.8
V
aCTIVE HIgH 1
4.5
—
5.0
REFERENCEd TO
INPuT COMMON
IF NOT uSEd
CONNECT TO INPuT COMMON
SYNCHRONIZaTION OuT
REFERENCEd TO
INPuT COMMON
IF NOT uSEd
LEaVE uNCONNECTEd
inHibit 1 aCTIVE LOW (OuTPuT dISaBLEd) INHIBIT PIN PuLLEd LOW
—
—
0.8
V
do not apply a voltage to the inhibit pin. 3
INHIBIT PIN SOuRCE CuRRENT 1
—
—
10
ma
REFERENCEd TO
INPuT COMMON
inHibit 1 aCTIVE HIgH (OuTPuT ENaBLEd) INHIBIT PIN CONdITION
OPEN COLLECTOR OR
uNCONNECTEd
do not apply a voltage to the inhibit pin. 3
OPEN INHIBIT PIN VOLTagE 1
9
—
12
V
inHibit 2 aCTIVE LOW (OuTPuT dISaBLEd) INHIBIT PIN PuLLEd LOW
—
—
0.5
V
do not apply a voltage to the inhibit pin. 3
INHIBIT PIN SOuRCE CuRRENT 1
—
—
5
ma
REFERENCEd TO
OuTPuT COMMON
inHibit 2 aCTIVE HIgH (OuTPuT ENaBLEd) INHIBIT PIN CONdITION
OPEN COLLECTOR OR
uNCONNECTEd
do not apply a voltage to the inhibit pin. 3
OPEN INHIBIT PIN VOLTagE 1
—
—
9
V
Notes
1. guaranteed by qualification test and/or analysis. Not an in-line test.
2. dual outputs: The over-current limit will trigger when the sum of the currents from both outputs reaches 125% (typical value) of the maximum
rated “total” current of both outputs.
3. an external inhibit interface should be used to pull the inhibits low or leave them floating. The inhibit pins can be left unconnected if not used.
For mean time between failures (MTBF) contact Applications Engineering
powerapps@crane-eg.com +1 425-882-3100 option 7
MFL single and dual dc-dc converters
28 VoLt input - 65 Watt
www.craneae.com/interpoint
Page 6 of 14
MFL Rev ad - 2016.02.19
Crane Aerospace & Electronics Power Solutions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com