Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2805S/883 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # MFL2805S/883
Description  MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL2805S/883 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  MFL2805S/883 Datasheet HTML 1Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 2Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 3Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 4Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 5Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 6Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 7Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 8Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
description
The Interpoint® MFL Series™ 28 volt dc-dc converters are rated
up to 65 watts output power over a -55°C to +125°C temperature
range with a 28 V nominal input. On dual output models, up to
70% of the rated output power can be drawn from either the
positive or negative outputs. The welded, hermetically sealed
package is 3.005 x 1.505 x 0.400 inches.
Screening
MFL converters are offered with standard screening, “ES” or fully
compliant to MIL-PRF-38534 Class H screening. See Table 9 on
page 13 and Table 10 on page 14 for more information.
DeSign FeatureS
The MFL Series converters are switching regulators that use a
quasi-square wave, single ended forward converter design with a
constant switching frequency of 600 kHz.
Isolation between input and output circuits is provided with a
transformer in the forward path and wide bandwidth magnetic
coupling in the feedback control loop. The MFL Series uses a
unique dual loop feedback technique that controls output current
with an inner feedback loop and output voltage with a cascaded
voltage mode feedback loop.
The additional secondary current mode feedback loop improves
transient response in a manner similar to primary current mode
control and allows for ease of paralleling.
Tight load regulation is achieved through a wide-bandwidth
magnetic feedback circuit.
inhibit
The MFL Series converters have two inhibit terminals (INH1 and
INH2) that can be used to disable power conversion, resulting in
a very low quiescent input current. See Table 5 on page 6 for
specifications.
Sync
Converters may be synced to an external clock (525 to 675 kHz)
or to one another by using the sync in or out pins. See Table 5
on page 6 for specifications.
Features
• Parallel up to 3 converters—maximum
recommended power is 70% of the total
available power.
• Operating temperature -55°C to +125°C
• Qualified to MIL-PRF-38534 Class H
• Input voltage range 16 to 40 volts
• Transient protection up to 80 volts for 50 ms
- Converter will shut down at an input voltage
above approximately 45 volts
• Fully isolated, magnetic feedback
• Fixed high switching frequency
• Remote sense and output trim on single
output models
• Primary and secondary inhibit function
• Synchronization input and output
• Indefinite short circuit protection
• High power density with up to 85% efficiency
MOdELS
OuTPuT VOLTagE (V)
SINgLE
duaL
3.3
±5
5
±12
12
±15
15
28
Crane Aerospace & Electronics Power Solutions
MFL single and dual dc-dc converters
Page 1 of 14
28 VoLt input - 65 Watt
MFL Rev ad - 2016.02.19
Crane Aerospace & Electronics
Power Solutions – Interpoint Products
10301 Willows Road NE, Redmond, WA 98052
+1.425.882.3100 • power@crane-eg.com
www.craneae.com/interpoint


Similar Part No. - MFL2805S/883

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MFL2805S/883 INTERPOINT-MFL2805S/883 Datasheet
182Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MFL2805S/883 CRANE-MFL2805S/883 Datasheet
217Kb / 13P
MFL Single and Dual DC/DC Converters
More results

Similar Description - MFL2805S/883

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MFL283R3S CRANE-MFL283R3S Datasheet
217Kb / 13P
MFL Single and Dual DC/DC Converters
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Interpoint Corporation ...
MCH2805S INTERPOINT-MCH2805S_13 Datasheet
344Kb / 13P
MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com