Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2805S/883 Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # MFL2805S/883
Description  MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL2805S/883 Datasheet(HTML) 8 Page - Interpoint Corporation Company

Back Button MFL2805S/883 Datasheet HTML 4Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 5Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 6Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 7Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 8Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 9Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 10Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 11Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 12Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Notes
1. guaranteed by qualification test and/or analysis. Not an in-line test.
2. MFL2828S will operate at 16 volts input but requires 19 volts input
to start.
3. Converter will shut down above approximately 45 volts input but
will be undamaged and will restart when voltage drops into normal
range.
4. Recovery time is measured from application of the transient to the
point at which Vout is within 1% of final value.
5. Tested on release from inhibit.
6. No affect on dc performance.
SINgLE OuTPuT MOdELS
MFL2815S
MFL2828S 2
uNITS
PaRaMETER
CONdITIONS
MIN
TYP
MaX
MIN
TYP
MaX
OuTPuT VOLTagE
14.55 15.00 15.45 27.16 28.00 28.84
V
OuTPuT CuRRENT
VIN = 16 to 40 V
0
—
4.33
0
—
2.32
a
OuTPuT POWER
VIN = 16 to 40 V
0
—
65
0
—
65
W
OuTPuT RIPPLE
TC = 25°C
—
30
85
—
100
200
mV p-p
10 kHZ - 2 MHZ
TC = -55°C TO +125°C
—
45
110
—
—
275
LINE REguLaTION 2
VIN = 16 TO 40 V
—
0
20
—
20
60
mV
LOad REguLaTION
NO LOad TO FuLL
—
0
20
—
20
75
mV
INPuT VOLTagE 2
CONTINuOuS
16
28
40
16 2
28
40
V
NO LOad TO FuLL
TRaNSIENT 50 ms 1, 3
—
—
80
—
—
80
V
INPuT CuRRENT
NO LOad
—
50
100
—
60
100
INHIBITEd–INH1
—
9
14
—
9
14
ma
INHIBITEd–INH2
—
35
70
—
35
70
INPuT RIPPLE CuRRENT
10 kHz - 10 MHz
—
15
50
—
20
50
ma p-p
EFFICIENCY
TC = 25°C
84
87
—
83
86
—
%
TC = -55°C TO +125°C
82
—
—
81
—
—
LOad FauLT
POWER dISSIPaTION
—
10
16
—
7
14
W
RECOVERY 1
—
1.5
4
—
1.0
4
ms
STEP LOad RESPONSE 4
TRaNSIENT
—
500
600
—
800
1400
mV pk
50% - 100% - 50%
RECOVERY 1
—
1.5
3.0
—
1.5
3.0
ms
STEP LINE RESPONSE 1, 2, 4 TRaNSIENT
—
250
500
—
250
800
mV pk
16 - 40 -16 V
RECOVERY
—
200
300
—
200
400
µs
STaRT-uP 2, 5
dELaY
—
3.5
6
—
3.5
6
ms
OVERSHOOT 1
—
0
50
—
0
100
mV pk
CaPaCITIVE LOad 1, 6
TC = 25°C
—
—
1000
—
—
1000
µF
table 7: electrical characteriSticS: -55°c to +125°c caSe, 28 Vin, 100% loaD, Free run, unleSS otherwiSe SpeciFieD.
MFL single and dual dc-dc converters
28 VoLt input - 65 Watt
www.craneae.com/interpoint
Page 8 of 14
MFL Rev ad - 2016.02.19
Crane Aerospace & Electronics Power Solutions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com