Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2805S/883 Datasheet(PDF) 11 Page - Interpoint Corporation Company

Part # MFL2805S/883
Description  MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL2805S/883 Datasheet(HTML) 11 Page - Interpoint Corporation Company

Back Button MFL2805S/883 Datasheet HTML 6Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 7Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 8Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 9Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 10Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 11Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 12Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 13Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 14Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Typical performance ploTs: 25°c case, 28 Vin, 100% load, free run, unless oTherwise specified.
These are examples for reference only and are not guaranteed specifications.
Figure 14
Figure 15
1 ms/div
MFL2815D Step Load Response
100% to 50%
50% to 100%
–POUT = 32.5W
0
30
40
50
60
– 8
– 6
– 4
– 2
2
4
6
8
MFL2812D
MFL2805D
70
MFL2815D
Positive Output Load (% of Total Load)
-VOUT with shift in load balance
Cross Regulation
VIN
–VOUT
+VOUT
1 ms/div
No Load
MFL2815D Turn On Response
Figure 16
Figure 17
50 µs/div
16 to 40 V
MFL2815D Step Line Response
+VOUT
–VOUT
VIN
MFL single and dual dc-dc converters
28 VoLt input - 65 Watt
www.craneae.com/interpoint
Page 11 of 14
MFL Rev ad - 2016.02.19
Crane Aerospace & Electronics Power Solutions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com