Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2805S/883 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # MFL2805S/883
Description  MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL2805S/883 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  MFL2805S/883 Datasheet HTML 1Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 2Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 3Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 4Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 5Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 6Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 7Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 8Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ModeL nuMbering key
MFL 28 05 S / 883
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
(Standard screening has no designator
in this position.)
sMd nuMbers
Standard Microcircuit
drawing (SMd)
MFL SerieS
SiMiLar Part
5962-0621301HXC
MFL283R3S/883
5962-9316301HXC
MFL2805S/883
5962-9316201HXC
MFL2812S/883
5962-9316101HXC
MFL2815S/883
5962-9319101HXC
MFL2805d/883
5962-9319201HXC
MFL2812d/883
5962-9319301HXC
MFL2815d/883
The SMd number shown is for Class H screening. For
exact specifications for an SMd product, refer to the
SMd drawing. SMds can be downloaded from
www.landandmaritime.dla.mil/programs/smcr
ModeL nuMber options
to deterMine the ModeL nuMber enter one oPtion FroM
each category in the ForM beLow
.
category
base Model and
input Voltage
output Voltage 1
number of
outputs 2
screening 3
options
MFL28
3R3, 05, 12, 15, 28
S
(standard, leave blank)
05, 12, 15
d
ES
883
FiLL in For
ModeL #
MFL28
/
Notes
1. Output Voltage: an R indicates a decimal point. 3R3 is 3.3 volts out. The value of 3R3 is only available in single output models.
2. Number of Outputs: S is a single output and d is a dual output.
3. Screening: For standard screening leave the screening option blank. For other screening options, insert the desired screening
level. For more information see Table 9 on page 13 and Table 10 on page 14. MFL2828S is not available on an SMd.
Figure 4: moDel numbering Key
table 3: SmD number croSS reFerence
table 4: moDel number optionS
MFL single and dual dc-dc converters
28 VoLt input - 65 Watt
www.craneae.com/interpoint
Page 5 of 14
MFL Rev ad - 2016.02.19
Crane Aerospace & Electronics Power Solutions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com