Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2805S/883 Datasheet(PDF) 10 Page - Interpoint Corporation Company

Part # MFL2805S/883
Description  MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL2805S/883 Datasheet(HTML) 10 Page - Interpoint Corporation Company

Back Button MFL2805S/883 Datasheet HTML 6Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 7Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 8Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 9Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 10Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 11Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 12Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 13Page - Interpoint Corporation Company MFL2805S/883 Datasheet HTML 14Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Typical performance ploTs: 25°c case, 28 Vin, 100% load, free run, unless oTherwise specified.
These are examples for reference only and are not guaranteed specifications.
Output (Watts)
MFL2805S & MFL2805D Efficiency
60
90
85
80
75
70
10
20
30
40
50
28 V
40 V
65
16 V
Figure 5
Output Power (Watts)
MFL2812S & MFL2812D Efficiency
60
90
85
80
75
70
10 20
30 40
50
60
40 V
16 V
28 V
65
Figure 6
Figure 7
60
90
85
80
75
70
10 20 30 40 50
65
60
65
16 V
Output Power (Watts)
MFL2815S & MFL2815D Efficiency
40 V
28 V
Figure 8
Figure 9
60
65
70
75
80
85
90
0 10 20 30 40 50 60 70
40 V
16 V
28 V
Output Power (Watts)
MFL2828S Efficiency
50 µs/div
16 to 40 V
MFL2805S Step Line Response
VOUT
VIN
0.1
0.
20.
40.
60.
80.
100.
Frequency (kHz)
MFL Series Audio Rejection
1
10
100
Figure 10
100% to 50%
50% to 100%
1 ms/div
MFL2805S Step Load Response
Figure 11
1 ms/div
No Load
MFL2805S Turn On Response
VIN
VOUT
Figure 12
Figure 13
10 20 30 40 50 60
11
15
14
13
12
65
16
MFL2815S & 15D
MFL2805S & 5D
MFL2812S & 12D
Output Power (Watts)
Performance not guaranteed below 16 VIN
Low Line Dropout
MFL single and dual dc-dc converters
28 VoLt input - 65 Watt
www.craneae.com/interpoint
Page 10 of 14
MFL Rev ad - 2016.02.19
Crane Aerospace & Electronics Power Solutions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com