Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFL2815S/KR Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # SMFL2815S/KR
Description  SMFL Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFL2815S/KR Datasheet(HTML) 2 Page - Interpoint Corporation Company

  SMFL2815S/KR Datasheet HTML 1Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SenSe anD trim
Single output models provide sense to maintain voltage at the
load. The converters output voltage can also be trimmed up. See
Figure 1.
current Sharing anD Parallel OPeratiOn
For increased power parallel up to 3 converters. The maximum
recommended power is 80% of the total available power. Multiple
SMFL converters may be used in parallel to drive a common
load. Only single output models with Sense and Sense Return
can be used in the share mode. In this mode of operation the
load current is shared by two or three SMFL converters.
In current sharing mode, one SMFL converter is designated as a
master. The Slave pin (pin 11) of the master is left unconnected
and the Master/Inhibit 2 pin (pin 12) of the master is connected to
the Slave pin (pin 11) of the slave units.
The units designated as slaves have the Master/Inhibit 2 pin (pin
12) connected to the Sense Return pin (pin 9) of the master unit.
Figure 2 on page 3 shows the typical setup for two or three
units in parallel.
A second slave unit may be placed in parallel with a master and
slave; this requires the Triple pin (pin 3) of the master unit to be
connected to the Sense Return pins (pin 9) shown in Figure 2 on
page 3.
In current sharing mode, the converters function as a current
source. For this reason it is important that their outputs be
connected to the common ground at all times to prevent an
excessively high voltage at their outputs.
RL
1
2
3
4
5
6
REMOTE SENSE CONNECTION
12
11
10
9
8
7
–
+
28V
–
+
Inhibit
Sync In
1
2
3
4
5
6
OUTPUT VOLTAGE ADJUST CONNECTION
12
11
10
9
8
7
28V
–
+
Inhibit
Sync In
RA
Positive Input
Input Common
Triple (TRI)
Inhibit 1
Sync Out
Sync In
Master/Inhibit 2
Slave
Positive Sense
Sense Return
Output Common
Positive Output
Positive Input
Input Common
Triple (TRI)
Inhibit 1
Sync Out
Sync In
Master/Inhibit 2
Slave
Positive Sense
Sense Return
Output Common
Positive Output
RL
–
+
Figure 1: SenSe cOnnectiOnS anD trim table – Single OutPut mODelS
Notes
1. When using remote sense for voltage
compensation or when using remote sense
for trim, the output will drift over temperature.
Contact Applications Engineering for more
information powerapps@crane-eg.com.
2. Do not exceed the maximum rated power.
VOuT INCREASE
RA (Ω)
VOLTS
3.3 V
5 V
12 V
15 V
0.1
66
77
27
21
0.2
131
153
55
43
0.3
196
230
82
64
0.4
262
307
109
86
0.5
349
396
139
109
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 2 of 15
sMFL single and dual dc-dc converters
28 VoLt input – 65 Watt
SMFL Rev AC - 2016.02.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com