Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFL2815S/KR Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # SMFL2815S/KR
Description  SMFL Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFL2815S/KR Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button SMFL2815S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 9Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
table 5: OPerating cOnDitiOnS, all mODelS, 25°c caSe, 28 Vin, 100% lOaD, unleSS OtherwiSe SPeciFieD.
ALL MODELS
PARAMETER
CONDITIONS
MIN
TYP
MAX
uNITS
LEAD SOLDERINg TEMPERATuRE 1
10 SECONDS MAX.
—
—
300
°C
STORAgE TEMPERATuRE 1
-65
—
+150
°C
CASE OPERATINg TEMPERATuRE
FuLL POWER
-55
—
+125
°C
ABSOLuTE 1
-55
—
+135
DERATINg OuTPuT POWER/CuRRENT 1
LINEARLY
From 100% at 125°C to 0% at 135°C
ESD RATINg 1
MIL STD 883 METHOD 3015
>8000
V
MIL-PRF-38534, 3.9.5.8.2
CLASS 3B
ISOLATION: INPuT TO OuTPuT OR
@ 500 VDC AT 25°C
100
—
—
Megohms
ANY PIN TO CASE
INPuT TO OuTPuT CAPACITANCE 1
—
150
—
pF
CuRRENT LIMIT 2
% OF FuLL LOAD
—
125
—
%
uNDERVOLTAgE LOCKOuT 1
RISINg VIN (TuRN ON)
14.1
—
15.8
V
-55°C TO +125°C
FALLINg VIN (TuRN OFF)
11.6
—
14.0
AuDIO REJECTION 1
—
50
—
dB
CONVERSION FREQuENCY, FREE RuN
-55°C TO +125°C
525
—
675
kHz
SYNCHRONIZATION IN
INPuT FREQuENCY
525
—
675
kHz
-55°C TO +125°C
DuTY CYCLE 1
40
—
60
%
ACTIVE LOW
—
—
0.8
V
ACTIVE HIgH 1
4.5
—
5.0
REFERENCED TO
INPuT COMMON
IF NOT uSED
CONNECT TO INPuT COMMON
SYNCHRONIZATION OuT
REFERENCED TO
INPuT COMMON
IF NOT uSED
LEAVE uNCONNECTED
inHibit 1 ACTIVE LOW (OuTPuT DISABLED)
INHIBIT PIN PuLLED LOW
—
—
0.8
V
Do not apply a voltage to the inhibit pin. 3
INHIBIT PIN SOuRCE CuRRENT 1
—
—
10
mA
REFERENCED TO
INPuT COMMON
inHibit 1 ACTIVE HIgH (OuTPuT ENABLED)
INHIBIT PIN CONDITION
OPEN COLLECTOR OR uNCONNECTED
Do not apply a voltage to the inhibit pin. 3
OPEN INHIBIT PIN VOLTAgE 1
9
—
12
V
inHibit 2 ACTIVE LOW (OuTPuT DISABLED)
INHIBIT PIN PuLLED LOW
—
—
0.5
V
Do not apply a voltage to the inhibit pin. 3
INHIBIT PIN SOuRCE CuRRENT 1
—
—
5
mA
REFERENCED TO
OuTPuT COMMON
inHibit 2 ACTIVE HIgH (OuTPuT ENABLED)
INHIBIT PIN CONDITION
OPEN COLLECTOR OR uNCONNECTED
Do not apply a voltage to the inhibit pin. 3
OPEN INHIBIT PIN VOLTAgE 1
—
—
9
V
Notes
1. guaranteed by characterization test and/or analysis. Not a production test.
2. Dual outputs: The over-current limit will trigger when the sum of the currents
from both outputs reaches 125% (typical value) of the maximum rated “total”
current of both outputs.
3. An external inhibit interface should be used to pull the inhibits low or leave them
floating. The inhibit pins can be left unconnected if not used.
For mean time between failures (MTBF) contact Applications Engineering
powerapps@crane-eg.com +1 425-882-3100 option 7
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 6 of 15
sMFL single and dual dc-dc converters
28 VoLt input – 65 Watt
SMFL Rev AC - 2016.02.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com