Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFL2815S/KR Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # SMFL2815S/KR
Description  SMFL Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFL2815S/KR Datasheet(HTML) 3 Page - Interpoint Corporation Company

  SMFL2815S/KR Datasheet HTML 1Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
1
Positive Input
Input Common
Triple (TRI)
Inhibit 1
Sync Out
Sync In
2
3
4
5
6
1
2
3
4
5
6
1
2
3
4
5
6
CONNECT Triple (TRI) ONLY WHEN 2 SLAVES ARE USED
12
11
10
9
8
7
12
11
10
9
8
7
12
11
10
9
8
7
Master/Inhibit 2
Slave
Positive Sense
Sense Return
Output Common
Positive Output
MASTER
SLAVE 1
SLAVE 2
28V
–
+
Inhibit
Sync In
Positive Input
Input Common
Triple (TRI)
Inhibit 1
Sync Out
Sync In
Master/Inhibit 2
Slave
Positive Sense
Sense Return
Output Common
Positive Output
Positive Input
Input Common
Triple (TRI)
Inhibit 1
Sync Out
Sync In
Master/Inhibit 2
Slave
Positive Sense
Sense Return
Output Common
Positive Output
RL
–
+
Figure 2: Parallel cOnnectiOnS – Single OutPut mODelS
Notes
1. No one converter may carry more than its maximum rated current.
2. Individual converter operation, load and layout may affect the actual current shared. Contact Applications Engineering for more
information powerapps@crane-eg.com.
3. When paralleling SMFLs a diode is required at the input of each inhibit pin as SMFLs do not have an internal diode on the inhibit pin.
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 3 of 15
sMFL single and dual dc-dc converters
28 VoLt input – 65 Watt
SMFL Rev AC - 2016.02.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com