Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFL2815S/KR Datasheet(PDF) 9 Page - Interpoint Corporation Company

Part # SMFL2815S/KR
Description  SMFL Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFL2815S/KR Datasheet(HTML) 9 Page - Interpoint Corporation Company

Back Button SMFL2815S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 9Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 10Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 11Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 12Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 13Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Notes
1. guaranteed by characterization test and/or analysis. Not a production test.
2. up to 70% of the total output power/current is available from either output
providing the opposite output is simultaneously carrying 30% of the total power/
current.
3. Effect on negative Vout from 50%/50% loads to 70%/30% or
30%/70% loads.
4. Effect on negative Vout from 50%/50% loads to 50% then 10% load on negative
Vout.
5. Converter will shut down above approximately 45 volts but will be undamaged
and will restart when voltage drops into normal range.
6. Recovery time is measured from application of the transient to point at which
Vout is within 1% of final value.
7. Tested on release from inhibit.
8. No effect on dc performance.
9. Applies to each output.
table 8: electrical characteriSticS: -55°c tO +125°c caSe, 28 Vin, 100% lOaD, Free run, unleSS OtherwiSe SPeciFieD.
DuAL OuTPuT MODELS
SMFL2805D
SMFL2812D
SMFL2815D
uNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
OuTPuT VOLTAgE
+VOuT
4.85
5.00
5.15
11.64 12.00 12.36 14.55 15.00 15.45
V
-VOuT
4.82
5.00
5.18
11.58 12.00 12.42 14.47 15.00 15.53
OuTPuT CuRRENT 2
EITHER OuTPuT
0
±5
7
0
±2.5
3.5
0
±2.17
3.03
A
VIN = 16 TO 40 V
TOTAL
0
—
10
0
—
5
0
—
4.33
OuTPuT POWER 2
EITHER OuTPuT
0
±25
35
0
±30
42
0
±32.5
45.5
VIN = 16 TO 40 V
TOTAL
0
—
50
0
—
60
0
—
65
W
OuTPuT RIPPLE
TC = 25°C
—
—
50
—
—
80
—
—
100
mV p-p
10 kHz - 2 MHz ± VOuT
TC = -55°C TO +125°C
—
50
100
—
50
120
—
50
150
LINE REguLATION
+VOuT
—
0
50
—
0
50
—
0
50
mV
VIN = 16 TO 40 V
-VOuT
—
25
100
—
25
100
—
25
100
LOAD REguLATION
+VOuT
—
0
50
—
0
50
—
0
50
mV
NO LOAD TO FuLL
-VOuT
—
25
100
—
50
120
—
50
150
CROSS REguLATION
SEE NOTE
3
—
—
400
—
—
480
—
—
600
mV
TC = 25°C
SEE NOTE
4
—
—
300
—
—
480
—
—
600
INPuT VOLTAgE
+VOuT
16
28
40
16
28
40
16
28
40
V
TRANSIENT 50 ms 1, 5
—
—
80
—
—
80
—
—
80
INPuT CuRRENT
NO LOAD
—
50
120
—
50
100
—
50
100
INHIBITED–INH1
—
9
14
—
9
14
—
9
14
mA
INHIBITED–INH2
—
35
70
—
35
70
—
35
70
INPuT RIPPLE CuRRENT
10 kHz - 10 MHz
—
30
50
—
30
50
—
30
80
mA p-p
EFFICIENCY
TC = 25°C
75
78
—
81
84
—
82
85
—
%
BALANCED LOAD
TC = -55°C TO +125°C
73
—
—
79
—
—
80
—
—
LOAD FAuLT
POWER DISSIPATION
—
12.5
18
—
10
16
—
10
16
W
RECOVERY 1
—
1.5
4.0
—
1.5
4.0
—
1.5
4.0
ms
STEP LOAD RESPONSE 6
TRANSIENT
—
±250
±350
—
±450
±600
—
±500
±600
mV pk
50% - 100% - 50% ± VOuT RECOVERY 1
—
1.5
3.0
3.0
1.5
3.0
1.5
3.0
ms
STEP LINE RESPONSE 1, 6 TRANSIENT
—
±250
±300
—
±250
±400
—
±250
±500
mV pk
16 - 40 -16 V ± VOuT
RECOVERY
—
200
300
—
200
300
—
200
300
µs
START-uP 7
DELAY
—
3.5
6
—
3.5
6
—
3.5
6
ms
CAPACITIVE LOAD 1, 8, 9
TC = 25°C
—
—
500
—
—
500
—
—
500
µF
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 9 of 15
sMFL single and dual dc-dc converters
28 VoLt input – 65 Watt
SMFL Rev AC - 2016.02.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com