Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFL2815S/KR Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # SMFL2815S/KR
Description  SMFL Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFL2815S/KR Datasheet(HTML) 5 Page - Interpoint Corporation Company

  SMFL2815S/KR Datasheet HTML 1Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ModeL nuMbering key
SMFL 28 05 S V / K R
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
Case Option
(leave blank for standard case U)
Radiation Hardness
Assurance (RHA)
sMd nuMbers
Standard Microcircuit
drawing (SMd)
SMFL SerieS
SiMiLar Part
5962R0621301KXC
SMFL283R3S/KR
5962R9316301KXC
SMFL2805S/KR
5962R9316201KXC
SMFL2812S/KR
5962R9316101KXC
SMFL2815S/KR
5962R9319101KXC
SMFL2805D/KR
5962R9319201KXC
SMFL2812D/KR
5962R9319301KXC
SMFL2815D/KR
The SMD number shown is for Class K screening,
non-flanged,radiation hardness assurance (RHA) level
R. For exact specifications for an SMD product, refer to
the SMD drawing. SMDs can be downloaded from
www.landandmaritime.dla.mil/programs/smcr
Figure 4: mODel numbering Key
table 3: SmD number crOSS reFerence
table 4: mODel number OPtiOnS
ModeL nuMber options
to deterMine the ModeL nuMber enter one oPtion FroM
each category in the ForM beLow
.
category
base Model and
input Voltage
output Voltage 1
number of
outputs 2
case options 3
screening 4
rHa 5
options
SMFL28
3R3, 05, 12, 15
S
(u, leave blank)
O
O
05, 12, 15
D
V
H
P
K
L
R
FiLL in For
ModeL #
SMFL28
/
_______
Notes
1. Output Voltage: An R indicates a decimal point. 3R3 is 3.3 volts out. The value of 3R3 is only available in single output models.
2. Number of Outputs: S is a single output and D is a dual output.
3. Case Options: For the standard case (Figure 18 on page 12) leave the case option blank. For down-leaded case option (Figure 19 on
page 13), insert the letter V in the case option position.
4. Screening: A screening level of O is a space prototype and is only used with RHA O. See Table 9 on page 14 and Table 10 on page
15 for more information.
5. RHA: Interpoint model numbers use an “O” in the RHA designator position to indicate the “-” (dash) RHA level of MIL-PRF-38534, which is
defined as “no RHA.” RHA O is only available with screening level O. See Table 10 on page 15 for more information.
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 5 of 15
sMFL single and dual dc-dc converters
28 VoLt input – 65 Watt
SMFL Rev AC - 2016.02.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com