Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFL2815S/KR Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # SMFL2815S/KR
Description  SMFL Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFL2815S/KR Datasheet(HTML) 1 Page - Interpoint Corporation Company

  SMFL2815S/KR Datasheet HTML 1Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
description
The Interpoint® SMFL Series™ 28 volt dc-dc converters are
rated up to 65 watts output power over a -55°C to +125°C
temperature range with a 28 volt nominal input. On dual output
models, up to 70% of the rated output power can be drawn from
either the positive or negative outputs. The welded, hermetically
sealed package is only 3.005 x 1.505 x 0.400 inches.
Screening
SMFL converters offer screening options to space prototype (O),
Class H or K and radiation hardness assurance (RHA) levels
P - 30 krad(Si), L - 50 krad(Si) or R - 100 krad(Si). Single event
effects (SEE) LET performance to 86 MeV cm2/mg. See Table 9
on page 14 and Table 10 on page 15 for more information.
DeSign FeatureS
The SMFL Series converters are switching regulators that use a
quasi-square wave, single ended forward converter design with a
constant switching frequency of 600 kHz.
Isolation between input and output circuits is provided with a
transformer in the forward path and wide bandwidth magnetic
coupling in the feedback control loop. The SMFL Series uses a
unique dual loop feedback technique that controls output current
with an inner feedback loop and output voltage with a cascaded
voltage mode feedback loop.
The additional secondary current mode feedback loop improves
transient response in a manner similar to primary current mode
control and allows for ease of paralleling.
Tight load regulation is achieved through a wide-bandwidth
magnetic feedback circuit.
inhibit
The SMFL Series converters have two inhibit terminals (Inhibit
1 and Inhibit 2) that can be used to disable power conversion,
resulting in a very low quiescent input current. See Table 5 on
page 6 for specifications.
Sync
Converters may be synced to an external clock (525 to 675 kHz)
or to one another by using the sync in or out pins. See Table 5
on page 6 for specifications.
Features
• Radiation tolerant space dc-dc converter
- Single event effects (SEE) LET performance to
86 MeV cm2/mg
- Total ionizing dose (TID) guaranteed per MIL-STD-883
method 1019, radiation hardness assurance (RHA)
P = 30 krad(Si), L = 50 krad(Si), R = 100 krad(Si)
- 50 - 300 rad(Si)/sec dose rate (Condition A)
- 10 mrad(Si)/sec dose rate (Condition D)
• Parallel up to 3 converters—maximum recommended power
is 80% of the total available power.
• Operating temperature -55°C to +125°C
• Qualified to MIL-PRF-38534 Class H and K
• Input voltage range 16 to 40 volts
• Transient protection up to 80 volts for 50 ms
- Converter will shut down at an input voltage above
approximately 45 volts
• Fully isolated, magnetic feedback
• Fixed high switching frequency
• Remote sense and output trim on single output models
• Primary and secondary inhibit function
• Synchronization input and output
• Indefinite short circuit protection
• High power density with up to 85% typical efficiency
MODELS
OuTPuT VOLTAgE (V)
SINgLE
DuAL
3.3
±5
5
±12
12
±15
15
Crane Aerospace & Electronics Power Solutions
sMFL single and dual dc-dc converters
Page 1 of 15
28 VoLt input – 65 Watt
SMFL Rev AC - 2016.02.17
Crane Aerospace & Electronics
Power Solutions – Interpoint Products
10301 Willows Rd. NE, Redmond, WA 98052
+1 425-882-3100 • power@crane-eg.com
www.craneae.com/interpoint


Similar Part No. - SMFL2815S/KR

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFL2815S/KR INTERPOINT-SMFL2815S/KR Datasheet
206Kb / 10P
DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - SMFL2815S/KR

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
SMFL Single and Dual DC/DC Converters
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
SMFLHP Single and Dual DC/DC Converters
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
MHP270 Single and Dual DC/DC Converters
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
SLH Single and Dual DC-DC Converters
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
SMFLHP Single and Dual DC-DC Converters
SMSA283R3 INTERPOINT-SMSA283R3_16 Datasheet
310Kb / 15P
SMSA Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com