Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFL2815S/KR Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # SMFL2815S/KR
Description  SMFL Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFL2815S/KR Datasheet(HTML) 8 Page - Interpoint Corporation Company

Back Button SMFL2815S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 9Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 10Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 11Page - Interpoint Corporation Company SMFL2815S/KR Datasheet HTML 12Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SINgLE OuTPuT MODELS
SMFL2812S
SMFL2815S
uNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
OuTPuT VOLTAgE
11.76 12.00 12.24 14.55 15.00 15.45
V
OuTPuT CuRRENT
VIN = 16 TO 40 V
0
—
5
0
—
4.33
A
OuTPuT POWER
VIN = 16 TO 40 V
0
—
60
0
—
65
W
OuTPuT RIPPLE
TC = 25°C
—
0
75
—
30
85
mV p-p
10 kHz - 2 MHz
TC = -55°C TO +125°C
—
45
100
—
45
110
LINE REguLATION
VIN = 16 TO 40 V
—
0
20
—
0
20
mV
LOAD REguLATION
NO LOAD TO FuLL
—
—
20
—
—
20
mV
INPuT VOLTAgE
CONTINuOuS
16
28
40
16
28
40
V
TRANSIENT 50 ms 1, 2
—
—
80
—
—
80
INPuT CuRRENT
NO LOAD
—
50
100
—
50
100
INHIBITED – INH1
—
9
14
—
9
14
mA
INHIBITED – INH2
—
35
70
—
35
70
INPuT RIPPLE
10 kHz - 10 MHz
—
30
50
—
30
50
mA p-p
EFFICIENCY
TC = 25°C
81
84
—
82
85
—
%
TC = -55°C TO +125°C
79
—
—
80
—
—
LOAD FAuLT
POWER DISSIPATION
—
10
16
—
10
16
W
SHORT CIRCuIT
RECOVERY 1
1.5
4
1.5
4
ms
STEP LOAD RESPONSE 3
TRANSIENT
—
±450
±600
—
±500
±600
mV pk
50% - 100% - 50%
RECOVERY 1
—
1.5
3.0
—
1.5
3.0
ms
STEP LINE RESPONSE 1, 3
TRANSIENT
—
±250
±400
—
±250
±500
mV pk
16 - 40 -16 V
RECOVERY
—
200
300
—
200
300
µs
START-uP 4
DELAY
—
3.5
6
—
3.5
6
ms
CAPACITIVE LOAD 1, 5
TC = 25°C
—
—
1000
—
—
1000
µF
Notes
1. guaranteed by characterization test and/or analysis. Not a production test.
2. Converter will shut down above approximately 45 volts but will be
undamaged and will restart when voltage drops into normal range.
3. Recovery time is measured from application of the transient to point at
which VOuT is within 1% of final value.
4. Tested on release from inhibit.
5. No effect on dc performance.
table 7: electrical characteriSticS: -55°c tO +125°c caSe, 28 Vin, 100% lOaD, Free run, unleSS OtherwiSe SPeciFieD.
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 8 of 15
sMFL single and dual dc-dc converters
28 VoLt input – 65 Watt
SMFL Rev AC - 2016.02.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com