Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83953 Datasheet(PDF) 77 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 77 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 73Page - National Semiconductor (TI) DP83953 Datasheet HTML 74Page - National Semiconductor (TI) DP83953 Datasheet HTML 75Page - National Semiconductor (TI) DP83953 Datasheet HTML 76Page - National Semiconductor (TI) DP83953 Datasheet HTML 77Page - National Semiconductor (TI) DP83953 Datasheet HTML 78Page - National Semiconductor (TI) DP83953 Datasheet HTML 79Page - National Semiconductor (TI) DP83953 Datasheet HTML 80Page - National Semiconductor (TI) DP83953 Datasheet HTML 81Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 90 page
background image
77
www.national.com
9.0 DC and AC Specification
Absolute Maximum Ratings
Recommended Operating Conditions
Note: Absolute maximum ratings are those values beyond which the safety of the device can be guaranteed. These ratings are not meant to imply that the
device should be operated at these limits.
DC Specifications Measured at T
A = 0 °C to 70 °C, VDD = 5V ±5%, unless otherwise specified
Note 1: This parameter is guaranteed by design and is not tested.
Note 2: The operation in reduced mode is not guaranteed below 300 mV.
Supply Voltage (VDD)
0.5V to 7.0V
DC Input Voltage (Vin)
-0.5V to VDD +0.5V
DC Output Voltage (Vout)
-0.5V to VDD +0.5V
Storage Temperature Range (TSTG)
-65 °C to 150 °C
Power Dissipation for chip (PD)
3.15
Ω
Lead Temp. (TL) (Soldering, 10 sec)
260 °C
ESD Rating
(Rzap = 1.5K, Czap = 120pF)
2000V
Supply Voltage (VDD)
5V ± 5%
Ambient Temperature
0 to 70°C
PROCESSOR, LED, TWISTED PAIR PORTS, INTER-RIC and MANAGEMENT INTERFACES
Symbol
Description
Conditions
Min
Max
Units
VOH
Minimum high level output voltage
IOH = -8 mA
3.5
V
VOL
Minimum low level output voltage
IOL = 8 mA
0.4
V
VIH
Minimum high level input voltage
2.0
V
VIL
Maximum low level input voltage
0.8
V
IIN
Input current
VIN = VDD or GND
-1.0
1.0
µA
IOZ
Maximum TRI-STATE output leakage current VOUT = VDD or GND
-10
10
µA
ICC
Average supply current
VIN = VDD or GND
VDD = 5.25
870
mA
AUI (PORT 1)
VOD
Differential output voltage (TX±)
78
Ω termination &
270
Ω pulldowns
±550
±1200
mV
VOB
Differential output voltage imbalance (TX)
78
Ω termination &
270
Ω pulldowns
Typical: 40 mV
VU
Undershoot voltage (TX±)
78
Ω termination &
270
Ω pulldowns
Typical: 80 mV
VDS
Differential squelch threshold (RX±, CD±)
-175
-300
mV
VCM
Differential input common mode voltage
(RX±, CD±) (Note 1)
0
5.5
V
TWISTED PAIR (PORTS 2-13)
VRON
Minimum receive squelch threshold
Normal Mode
Reduced Mode
±300
(Note 2)
±585
±340
mV
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com