Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83953 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83953
Description  Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83953 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP83953 Datasheet HTML 14Page - National Semiconductor (TI) DP83953 Datasheet HTML 15Page - National Semiconductor (TI) DP83953 Datasheet HTML 16Page - National Semiconductor (TI) DP83953 Datasheet HTML 17Page - National Semiconductor (TI) DP83953 Datasheet HTML 18Page - National Semiconductor (TI) DP83953 Datasheet HTML 19Page - National Semiconductor (TI) DP83953 Datasheet HTML 20Page - National Semiconductor (TI) DP83953 Datasheet HTML 21Page - National Semiconductor (TI) DP83953 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 90 page
background image
4.0 Functional Description (Continued)
18
www.national.com
The IRB connects multiple RIC2As to realize the following
operations:
Port N Identification (which port the repeater receives
data from)
Port M Identification (which port last experienced a colli-
sion)
Data Transfer
RECEIVE COLLISION identification
TRANSMIT COLLISION identification
DISABLE OUTPUT (jabber protection)
The following table briefly describes the operation of the
Inter-RIC bus signals, the conditions required for a RIC2A
to assert a signal, and which RIC2As (in a multi-RIC2A
system) would monitor the signal.
Inter-RIC
Bus Signal
Function
Conditions Required for a RIC2A
to Drive this Signal
RIC2A Receiving the Signal
ACKI
Input signal to The PSM arbitration
chain. This chain is employed to
identify
PORT N and PORT M.
Note: A RIC2A which contains
PORT N or
PORT M may be identified by its
ACKO sig-
nal being low when its
ACKI input is high.
Not applicable
This is dependent upon the
method used to cascade
RIC2As, described in a follow-
ing section.
ACKO
Output signal from the PSM arbi-
tration chain.
If this RIC2A contains port N, then
the device will assert this signal.
This is dependent upon the
method used to cascade
RIC2As, described in a follow-
ing section.
ACTN
This signal denotes there is activity
on
PORT N or PORT M.
A RIC2A must contain
PORT N or
PORT M.
Note: Although this signal normally has only
one source asserting the signal active it is used
in a wired-or configuration.
The signal is monitored by all
RIC2As in the repeater system.
ANYXN
This signal denotes that a repeater
port that is not
PORT N or PORT M
is experiencing a collision.
Any RIC2A which satisfies the above
condition.
Note: This bus line is used in a wired-or config-
uration.
The signal is monitored by all
RIC2As in the repeater system.
COLN
Denotes
PORT N or PORT M is ex-
periencing a collision.
A RIC2A must contain
PORT N or
PORT M.
The signal is monitored by all
other RIC2As in the repeater
system.
IRE
This signal acts as an activity fram-
ing signal for the IRC and IRD sig-
nals.
A RIC2A must contain
PORT N.
The signal is monitored by all
other RIC2As in the repeater
system.
IRD
Decoded serial data, in NRZ for-
mat, received from the network
segment attached to
PORT N.
A RIC2A must contain
PORT N.
The signal is monitored by all
other RIC2As in the repeater
system.
IRC
Clock signal associated with IRD
and IRE.
A RIC2A must contain
PORT N.
The signal is monitored by all
other RIC2As in the repeater
system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com